Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 117 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 117 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 113Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 114Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 115Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 116Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 117Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 118Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 119Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 120Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 121Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 139 page
background image
April 2008
Datasheet
309823-10
117
Numonyx™ StrataFlash® Cellular Memory (M18)
Table 58: Burst Read Information
Offset
P = 10Ah
Length
Description (Optional flash features and
commands)
Address
Hex Code
Value
(P+1D)h
1
Page Mode Read capability:
Bits 0 - 7 = n where 2n hex value represents the
number of read-page bytes. See offset 28h for
device word width to determine page-mode data
output width. 00h indicates no read page buffer.
127:
--05 (Non Mux)
--00 (A/D Mux
32-byte (Non Mux)
0 (AD Mux)
(P+1E)h
1
Number of synchronous mode read configuration
fields that follow. 00h indicates no burst capability.
128:
--03
3
(P+1F)h
1
Synchronous mode read capability configuration 1:
Bits 3 - 7 = Reserved.
Bits 0 - 2 = n where 2n+1 hex value represents the
maximum number of continuous synchronous reads
when the device is configured for its maximum word
width.
A value of 07h indicates that the device is capable of
continuous linear bursts that will output data until
the internal burst counter reaches the end of the
device’s burstable address space.
This fields’s 3-bit value can be written directly to the
Read Configuration Register bits 0 - 2 if the device is
configured for its maximum word width. See offset
28h for word width to determine the burst data
output width.
129:
--02
8
(P+20)h
1
Synchronous mode read capability configuration 2.
12A:
--03
16
(P+21)h
1
Synchronous mode read capability configuration 3.
12B:
--07
Cont
Table 59: Partition and Erase Block Information—Region 1 (Sheet 1 of 2)
Offset
P = 10Ah
Description (Optional flash features and commands)
Length
Address
Bottom
Top
Bottom
Top
(P+22)h
(P+22)h
Number of device hardware partition regions with the device:
x = 0: a single hardware partition device (no fields follow). x specifies the
number of device partition regions containing one or more contiguous
erase block regions.
1
12C:
12C:
Partition Region 1 Information
(P+23)h
(P+23)h
Data size of this Partition Region information field: (number of
addressable locations, including this field.
2
12D:
12D:
(P+24)h
(P+24)h
12E:
12E:
(P+25)h
(P+25)h
Number of identical partitions within the partition region.
1
12F:
12F:
(P+26)h
(P+26)h
130:
130:
(P+27)h
(P+27)h
Number of Program or Erase operations allowed in a partition:
Bits 0 - 3 = Number of simultaneous Program operations.
Bits 4 - 7 = Number of simultaneous Erase operations.
1
131:
131:
(P+28)h
(P+28)h
Number of Program or Erase operations allowed in other partitions while a
partition in this region is in Program mode:
Bits 0 - 3 = Number of simultaneous Program operations.
Bits 4 - 7 = Number of simultaneous Erase operations.
1
132:
132:
(P+29)h
(P+29)h
Number of Program or Erase operations allowed in other partitions while a
partition in this region is in Erase mode:
Bits 0 - 3 = Number of simultaneous Program operations.
Bits 4 - 7 = Number of simultaneous Erase operations.
1
133:
133:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com