Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 114 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 114 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 110Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 111Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 112Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 113Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 114Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 115Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 116Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 117Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 118Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
114
309823-10
12.5
Numonyx-Specific Extended Query Table
Table 55: Device Geometry Definition: Addr, Hex Code, Value
Address
128 Mbit
256 Mbit
512 Mbit
1 Gbit
BT
B
T
B
T
B
T
27
18
—
19
—
1A
—
1B
—
28
01
—
01
—
01
—
01
—
29
00
—
00
—
00
—
00
—
2A
0A
—
0A
—
0A
—
0A
—
2B
00
—
00
—
00
—
00
—
2C
01
—
01
—
01
—
01
—
2D
3F
—
7F
—
FF
—
FF
—
2E
00
—
00
—
00
—
01
—
2F
00
—
00
—
00
—
00
—
30
04
—
04
—
04
—
04
—
Table 56: Primary Vendor-Specific Extended Query (Sheet 1 of 2)
Offset
P = 10Ah
Length
Description (Optional flash features and
commands
Address
Hex Code
Value
(P+0)h
3
Primary extended query table.
Unique ASCII string PRI
10A:
--50
P
(P+1)h
10B:
--52
R
(P+2)h
10C:
--49
I
(P+3)h
1
Major version number, ASCII
10D:
--31
1
(P+4)h
1
Minor version number, ASCII
10E:
--34
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com