Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 111 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 111 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 107Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 108Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 109Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 110Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 111Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 112Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 113Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 114Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 115Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 139 page
background image
April 2008
Datasheet
309823-10
111
Numonyx™ StrataFlash® Cellular Memory (M18)
12.2
Block Status Register
The Block Status Register indicates whether an erase operation completed successfully
or whether a given block is locked or can be accessed for flash program/erase
operations.
Block Erase Status (BSR[1]) allows system software to determine the success of the
last block erase operation. BSR[1] can be used just after power-up to verify that the
VCC supply was not accidentally removed during an erase operation. Only issuing
another operation to the block resets this bit. The Block Status Register is accessed
from word address 02h within each block.
12.3
CFI Query Identification String
The Identification String provides verification that the component supports the
Common Flash Interface specification. It also indicates the specification version and
supported vendor-specified command set(s).
00015h
PLO
PrVendor
00015h
P_IDHI
ID#
00016h
PHI
TblAdr
00016h
00017h
A_IDLO
AltVendor
00017h
00018h
A_IDHI
ID#
00018h
Table 50: Example of Query Structure Output of x16 Devices (Sheet 2 of 2)
Word Addressing
Byte Addressing
Offset
Hex Code
Value
Offset
Hex Code
Value
AX - A0
A15 - A0
AX - A0
A7 - A0
Table 51: Block Status Register
Offset
Length
Description
Address
Value
(BA + 2)h
1
Block Lock Status Register
BA + 2
-00 or -01
(BA + 2)h
1
BSR.0 Block Lock Status:
0 = Unlocked
1 = Locked
BA + 2
(bit 0): 0 or 1
(BA + 2)h
1
BSR.1 Block Lock Down Status:
0 = Not Locked Down
1 = Locked Down
BA + 2
(bit 0): 0 or 1
(BA + 2)h
1
BSR.2-3, 6-7: Reserved for future use
BA + 2
(bit 0): 0 or 1
Note:
BA = The beginning of a Block Address; that is, 020000h is the beginning location in word mode of the 256-KB block 1.
Table 52: CFI Identification (Sheet 1 of 2)
Offset
Length
Description
Address
Hex Code
Value
10h
3
Query unique ASCII string “QRY”
10
--51
“Q”
11
--52
“R”
12
--59
“Y”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com