Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 110 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 110 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 106Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 107Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 108Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 109Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 110Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 111Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 112Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 113Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 114Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
110
309823-10
12.0
Common Flash Interface
The Common Flash Interface (CFI) is part of an overall specification for multiple
command-set and control-interface descriptions. It describes the database structure
containing the data returned by a read operation after issuing the CFI Query command.
System software can parse this database structure to obtain information about the
flash device, such as block size, density, bus width, and electrical specifications. The
system software will then know which command set(s) to use to properly perform flash
writes, block erases, reads and otherwise control the flash device.
12.1
Query Structure Output
The Query database allows system software to obtain information for controlling the
flash device. This section describes the device’s CFI-compliant interface that allows
access to Query data.
Query data are presented on the lowest-order data outputs (A/DQ7-0) only. The
numerical offset value is the address relative to the maximum bus width supported by
the device. On this family of devices, the Query table device starting address is a 10h,
which is a word address for x16 devices.
For a word-wide (x16) device, the first two Query-structure bytes, ASCII “Q” and “R,”
appear on the low byte at word addresses 10h and 11h. This CFI-compliant device
outputs 00h data on upper bytes. The device outputs ASCII “Q” in the low byte
(A/DQ7-0) and 00h in the high byte (A/DQ15-8).
At Query addresses containing two or more bytes of information, the least significant
data byte is presented at the lower address, and the most significant data byte is
presented at the higher address.
In all of the following tables, addresses and data are represented in hexadecimal
notation, so the “h” suffix has been dropped. In addition, since the upper byte of word-
wide devices is always “00h,” the leading “00” has been dropped from the table
notation and only the lower byte value is shown. Any x16 device outputs can be
assumed to have 00h on the upper byte in this mode.
Table 49: Summary of Query Structure Output as a Function of Device and Mode
Device
Hex
Offset
Hex
Code
ASCII
Device Addresses
00010:
51
“Q”
00011:
52
“R”
Table 50: Example of Query Structure Output of x16 Devices (Sheet 1 of 2)
Word Addressing
Byte Addressing
Offset
Hex Code
Value
Offset
Hex Code
Value
AX - A0
A15 - A0
AX - A0
A7 - A0
00010h
0051
“Q”
00010h
0051
“Q”
00011h
0052
“R”
00011h
0052
“R”
00012h
0059
“Y”
00012h
0059
“Y”
00013h
P_IDLO
PrVendor
00013h
P_IDLO
PrVendor
00014h
P_IDHI
ID#
00014h
P_IDLO
ID#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com