Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 113 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 113 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 109Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 110Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 111Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 112Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 113Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 114Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 115Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 116Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 117Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 139 page
background image
April 2008
Datasheet
309823-10
113
Numonyx™ StrataFlash® Cellular Memory (M18)
12.4
Device Geometry Definition
24h
1
“n” such that maximum buffer
write timeout = 2n times typical.
24
--02 (256, 512 Mbit - 90 nm;
128, 256, 512 Mbit - 65 nm)
--01 (1024 Mbit - 65 nm)
8192 µs (256, 512 Mbit -
90 nm; 128, 256, 512
Mbit - 65 nm)
4096 µs (1024 Mbit - 65
nm)
25h
1
“n” such that maximum block
erase timeout = 2n times typical.
25
--02
4 s
26h
1
“n” such that maximum chip
erase timeout = 2n times typical.
26
--00
NA
Table 53: System Interface Information (Sheet 2 of 2)
Offset
Length
Description
Address
Hex Code
Value
Table 54: Device Geometry Definition
Offset
Length
Description
Address
Hex Code
Value
27h
1
n such that device size in bytes = 2n.27:
Flash device interface code assignment: n such that n + 1 specifies
the bit field that represents the flash device width capabilities as
described here:
Table 55, “Device
Geometry Definition: Addr,
Hex Code, Value” on
page 114
76543210
28h
2
————
x64
x32
x16
x8
28:
--01
x16
15
14
13
12
11
10
9
8
————————
29:
--00
2Ah
2
n such that maximum number of bytes in write buffer = 2n.
2A:
2B:
--0A
--00
1024
2Ch
1
Number of erase block regions (x) within the device:
1) x = 0 means no erase blocking; the device erases in bulk.
2) x specifies the number of device regions with one or more
contiguous, same-size erase blocks.
3) Symmetrically blocked partitions have one blocking region.
2C:
Table 55, “Device
Geometry
Definition: Addr,
Hex Code, Value”
on page 114
2Dh
4
Erase block region 1 information:
bits 0 - 15 = y, y + 1 = number of identical-size erase blocks.
bits 16 - 31 = z, region erase block(s) size are z x 256 bytes.
2D:
2E:
2F:
30:
31h
4
Reserved for future erase block region information.
31:
32:
33:
34:
35h
4
Reserved for future erase block region information.
35:
36:
37:
38:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com