| Electronic Components Datasheet Search |
|
DP83266 Datasheet(PDF) 102 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83266 Datasheet(HTML) 102 Page - National Semiconductor (TI) |
|
102 / 152 page ![]() 70 Control Information (Continued) Request Attention Register (RAR) The Request Attention Register (RAR) is used to present exception breakpoint request complete and unserviceable request attentions generated by each Request Channel Each bit may be enabled by setting the corresponding bit in the Request Notify Register All bits in this register are set to Zero upon reset Access Rules Address Read Write 10Eh Always Conditional Register Bits D7 D6 D5 D4 D3 D2 D1 D0 USRR0 RCMR0 EXCR0 BRKR0 USRR1 RCMR1 EXCR1 BRKR1 Bit Symbol Description D0 BRKR1 Breakpoint on RCHN1 Is set by the MACSI device when a CNF Descriptor is written on RCHN1 No action is taken by the MACSI device if the host sets this bit D1 EXCR1 Exception on RCHN1 Is set by the MACSI device when an exception occurs on RCHN1 An exception condition consists of one of the following events ABus Error Consistency Failure (REQ or ODUD) BMAC MAC Reset Timeout (TRT expires) BMAC abort (MAC frame received or FCRequest Class inconsistency) RINGOP change host abort (via SAR register) FIFO underrun or confirmation exception (for full Confirmation) No action is taken by the MACSI device if the host sets this bit This bit indicates that a request on RCHN1 did not complete normally This implies that an exception event occurred or that the Request is improperly formed The corresponding Confirmation (CNF) Descriptor will give more status about the failure The additional information in the CNF descriptor should be used to make a decision about the severity of the error If the exception was caused by an ABus error the RQSTOP will also be set D2 RCMR1 Request Complete on RCHN1 Is set by the MACSI device when it has completed processing a Request object on RCHN1 (note that the MACSI may set this bit before writing the CNF descriptor to the CNF queue) This completion may be a normal completion where a request object was transmitted without error It may also be an abnormal completion due to one of the exception conditions listed above in EXCR1 No action is taken if the Host sets this bit D3 USRR1 Unserviceable Request on RCHN1 Is set by the MACSI device when a Request cannot be processed on RCHN1 This occurs when the Request Class is inappropriate for the current ring state (eg Asynchronous transmission while RINGOP e 0) or when there is no CNF status space or when the host aborts a request by clearing the ABR bit in the Service Attention Register While this bit is set no requests will be processed on RCHN1 The host must clear this bit to resume request processing If the USRR1 was set due to lack of CNF space this condition must be corrected by giving the MACSI device more CNF space before restarting the channel If it was due to a request classRINGOP incompatibility then the reason for the incompatibility must be resolved D4 BRKR0 Breakpoint on RCHN0 Is set by the MACSI device when a CNF Descriptor is written on RCHN0 No action is taken by the MACSI device if the host sets this bit 102 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |