| Electronic Components Datasheet Search |
|
DP83266 Datasheet(PDF) 106 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83266 Datasheet(HTML) 106 Page - National Semiconductor (TI) |
|
106 / 152 page ![]() 70 Control Information (Continued) Bit Symbol Description D5 PRE PreemptPrestage When this bit is set preemption is enabled for RCHN0 and prestaging is enabled for RCHN1 (prestaging is always enabled for RCHN0) When this bit is Zero preemption is disabled and Prestaging is enabled on the RCHN0 When preemption is enabled RCHN0 preempts a (non-committed) frame of RCHN1 already in the FIFO causing it to be purged and refetched after RCHN0’s request has been serviced When the Request Machine servicing on RCHN1 and a request on RCHN0 becomes active if preemption is enabled on RCHN0 the Request Machine will finish transmitting the current frame on RCHN1 then release the token and move back to the start state This has the effect of reprioritization of the Request Channels thus ensuring that frames on RCHN0 are transmitted at the next service opportunity When RCHN0 has been serviced transmission will continue on RCHN1 with no loss of data When prestaging is enabled the next frame for RCHN1 is staged (ODUs are loaded into the FIFO before the token arrives) If prestaging is not enabled the Request Machine waits until the token is captured before staging the first frame Once the token is captured the Request Machine begins fetching data and when the FIFO threshold has been reached transmits the data on the Request Channel For requests with an Immediate service class prestaging is not applicable When this bit is Zero preemption is disabled for RCHN0 and request on RCHN1 will not be prestaged unless the HLD bit is Zero in which case RCHN1 will prestage data regardless of the setting of the PRE bit Note that when prestaging is not enabled on RCHN1 data is not staged until the token is captured Since there is no data in the FIFO (if there is no active request on RCHN0) the MACSI device will immediately release the token if the HLD option is not set D7–D6 TT1–0 Transmit Threshold These bits in conjunction with the EFT bit determine the threshold on the output data FIFO before the MACSI device requests transmission See ‘‘Request Channel 0 and 1 Configuration Registers 1 (R0CR1 and R1CR1)’’ TT1 TT0 Threshold Value 0 0 8 Words or 512 Words 0 1 16 Words or Reserved 1 0 128 Words or Reserved 1 1 256 Words or End of Frame 106 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |