| Electronic Components Datasheet Search |
|
DP83266 Datasheet(PDF) 136 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83266 Datasheet(HTML) 136 Page - National Semiconductor (TI) |
|
136 / 152 page ![]() 80 Signal Descriptions (Continued) 85 ABus INTERFACE The ABus interface signals provide a 28-bit address 32-bit data bus for transfers between the host system and the MACSI device The ABus uses a bus requestbus grant protocol that allows for multiple bus masters supports burst transfers of 4 or 8 32-bit words and permits both physical and virtual addressing using fixed-size pages Address and Data Symbol Pin IO Description AB BP3 – 0 50 61 72 83 IO ABus Byte Parity These TRI-STATE signals contain the parity for each address and data byte of AB AD such that AB BP0 is the parity for AB AD7-0 AB BP1 is the parity for AB AD15-8 etc AB AD31 – 0 40 – 42 45 – 49 IO ABus Address and Data These TRI-STATE signals are the multiplexed ABus 51 – 53 56 – 60 address and data lines During the address phase of a cycle AB AD27-0 contain 62 – 65 68 – 71 the 28-bit address When SIMR1EAM e 1 AB AD31-28 contain a value specified 73 – 76 79 – 82 by the user (by programming SIMR1AB A31 – 27) during the address cycle When SIMR1EAM e 0 AB AD31-28 contain a 4-bit function code identifying the type of transaction encoded as follows AB AD 3128 Transaction Type 0 RCHN1 ODU Load 1 RCHN1 ODUD LoadCNF Store 2 RCHN1 REQ Load 3 RCHN0 ODU Load 4 RCHN0 ODUD LoadCNF Store 5 RCHN0 REQ Load 6 ICHN2 IDU Store 7 ICHN2 IDUD Store 8 ICHN2 PSP Load 9 ICHN1 IDU Store A ICHN1 IDUD Store B ICHN1 PSP Load C ICHN0 IDU Store D ICHN0 IDUD Store E ICHN0 PSP Load F PTR RAM LoadStore AB A27–2 25–19 16–5 O ABus Demultiplexed Address These TRI-STATE signals contain the word 2 – 1 160 – 156 address during ABus accesses They are driven from Tpa to the last Td state negated in the following Tr state then released Note that the timing of these signals is under software control via the System Interface Mode Register 1 (SIMR1) For MACSI revision A through C the User must set SIMR1ATM to one for the demultiplexed address pins AB A (272) to work properly For MACSI revision D and later (SI revision t 0x00000058) the User may use the demultiplexed address pins AB A (272) with SIMR1ATM set to one or zero Since the MACSI device makes only word (4 byte) accesses on the ABus the device does not include pins for AB A (10) These pins would drive a zero for every access 136 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |