Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 53 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 49Page - STMicroelectronics BLUENRG-1 Datasheet HTML 50Page - STMicroelectronics BLUENRG-1 Datasheet HTML 51Page - STMicroelectronics BLUENRG-1 Datasheet HTML 52Page - STMicroelectronics BLUENRG-1 Datasheet HTML 53Page - STMicroelectronics BLUENRG-1 Datasheet HTML 54Page - STMicroelectronics BLUENRG-1 Datasheet HTML 55Page - STMicroelectronics BLUENRG-1 Datasheet HTML 56Page - STMicroelectronics BLUENRG-1 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
53/173
a.
The software sets the mode to receive (SPIM = 10) and writes the dummy
character value to the CHN register.
b.
The software writes the value “number of frames to receive from the slave” in the
RXFRM register.
a.
If the TXFIFO is empty, the master receives data from the slave, transmitting the
character from the CHN register in each frame received. The RXFRM register is
decremented by one at each transmission/reception. The interface runs until the
RXFRM value is dummy AND the written number of frames in RXFRM is
received.
b.
If the TXFIFO is not empty, the master first transmits the data available in the
TXFIFO and receives the data from the slave (like the full duplex mode). The
RXFRM register is not decremented. When all the data available in TXFIFO are
transmitted, the TXFIFO becomes empty (case a), then the dummy character
from the CHN register are transmitted for each frame received. The RXFRM
register is decremented for each transaction. When the value in this register is
zero and the written number of frames in RXFRM is received, the interface does
not run anymore. The user has to write the RXFRM (with value greater than zero)
by software to reactivate the interface.
In all cases, the RXFRM is decremented by one only if the TXFIFO is empty. The
RFRM is decremented before the data is sent.
If the software fills the TXFIFO while the SPI is transmitting the dummy character,
then the words of TXFIFO should be ignored and we should not send them in this
mode, only the dummy -character are transmitted.
Combined mode (SPIM = 11b): the sequence of combined mode is:
a.
The software sets the mode to combined mode: (SPIM=11).
b.
The software writes to the WDTXF register the "number of frames to be received
by the slave (a value greater than zero) from TXFIFO master".
If the number of words written in the WDTXF register are sent (WDTXF is equal to zero)
but the RXFRM register is not equal to zero, the master transmits the dummy character
(defined in CHM register) and receives the slave data, decrementing the RXFRM register
by one. Once the RXFRM register is equal to zero and all the data written in RXFRM are
sent, the interface is stopped.
When the RXFRM register is zero and WDTXF is not equal to zero and the TXFIFO of the
master and of slave are not empty, the master transmits the data from TXFIFO and
receives the data from the slave. Before the data is sent from TXFIFO, the WDTXF is
decremented by one. When the WDTXF register is zero and all the numbers written in this
register are sent, the interface is stopped.
The interface is stopped when:
WDTXF and RXFRM registers are equal to zero.
WDTXF register is not equal to zero and TXFIFO is empty.
RXFRM register is not equal to zero, the WDTXF register is zero and TXFIFO is not
empty.
For each data transmission (TXFIFO data or CHN register data), the data slave is received.
WDTXF is decremented by one only at each data transmission from TXFIFO. The
decrementing is done before the words are sent out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com