Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 65 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 61Page - STMicroelectronics BLUENRG-1 Datasheet HTML 62Page - STMicroelectronics BLUENRG-1 Datasheet HTML 63Page - STMicroelectronics BLUENRG-1 Datasheet HTML 64Page - STMicroelectronics BLUENRG-1 Datasheet HTML 65Page - STMicroelectronics BLUENRG-1 Datasheet HTML 66Page - STMicroelectronics BLUENRG-1 Datasheet HTML 67Page - STMicroelectronics BLUENRG-1 Datasheet HTML 68Page - STMicroelectronics BLUENRG-1 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
65/173
When the RTS flow control is enabled, the UART_RTS signal is asserted until the receive
FIFO is filled up to the programmed watermark level. When the CTS flow control is
enabled, the transmitter can only transmit data when the UART_CTS signal is asserted.
Table 67: Control bits to enable and disable hardware flow control
CTSEN
RTSEN
Function
0b
0b
Both RTS and CTS flow control disabled.
0b
1b
Only RTS flow control enabled.
1b
0b
Only CTS flow control enabled.
1b
1b
Both RTS and CTS flow control enabled.
The RTS flow control logic is linked to the programmable receive FIFO watermark levels.
When RTS flow control is enabled, the UART_RTS is asserted until the receive FIFO is
filled up to the watermark level. When the receive FIFO watermark level is reached, the
UART_RTS signal is de-asserted, indicating that there is no more room to receive any
more data. The transmission of data is expected to cease after the current character has
been transmitted. The UART_RTS signal is reasserted when data has been read out of the
receive FIFO so that it is filled to less than the watermark level. If RTS flow control is
disabled and the UART is still enabled, then data is received until the receive FIFO is full,
or no more data is transmitted to it.
If CTS flow control is enabled, then the transmitter checks the UART_CTS signal before
transmitting the next byte. If the UART_CTS signal is asserted, it transmits the byte
otherwise, transmission does not occur. The data continues to be transmitted while
UART_CTS is asserted, and the transmit FIFO is not empty. If the transmit FIFO is empty
and the UART_CTS signal is asserted no data is transmitted. If the UART_CTS signal is
de-asserted and CTS flow control is enabled, then the current character transmission is
completed before stopping. If CTS flow control is disabled and the UART is enabled, then
the data continues to be transmitted until the transmit FIFO is empty.
3.9.2.4
Software flow control
Software flow control is enabled through register UART_XFCR bit SFEN.
Software receive flow control
Once the software receive flow control is enabled, the receiver compares the incoming data
with the programmed Xoff values. Different combinations of software receive flow control,
which can be selected through SFRMOD, where only 1 character match is needed or in
which 2 Xoff characters must be received sequentially.
Table 68: Control bits to enable and program receive software flow control
SFSEN
SFRMOD
Function
0b
xxb
Software flow control disabled.
1b
00b
Software receive flow control disabled.
1b
01b
Use Xon1, Xoff1 for matching.
1b
10b
Use Xon2, Xoff2 for matching.
1b
11b
Use Xon1 & Xon2, Xoff1 & Xoff2 for matching.
If received characters match the programmed Xoff values, the transmission will stop as
soon as the current character is completely transferred. The interrupt bit XOFFRIS in the
raw interrupt register UART_RIS is set. If the corresponding interrupt mask bit is set, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com