Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 12Page - STMicroelectronics BLUENRG-1 Datasheet HTML 13Page - STMicroelectronics BLUENRG-1 Datasheet HTML 14Page - STMicroelectronics BLUENRG-1 Datasheet HTML 15Page - STMicroelectronics BLUENRG-1 Datasheet HTML 16Page - STMicroelectronics BLUENRG-1 Datasheet HTML 17Page - STMicroelectronics BLUENRG-1 Datasheet HTML 18Page - STMicroelectronics BLUENRG-1 Datasheet HTML 19Page - STMicroelectronics BLUENRG-1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 173 page
background image
Functional details
BlueNRG-1
16/173
DocID028866 Rev 1
3.3
Memories
The memory subsystem consists of 160 KB Flash memory and two banks of 12 KB ultra-
low leakage static RAM blocks.
The 160 KB Flash memory is available to the user and can be accessed per 32-bit for read
access and per 32-bit for write access (with 4x32-bit FIFO).
The access to the static RAM can be as bytes, half words (16 bits) or words (32 bits).
A 12 KB RAM block is always in retention mode, whereas the second 12 KB RAM block is
switchable and can be put in retention mode according to the user needs.
3.4
Power management
The BlueNRG-1 integrates both a low dropout voltage regulator (LDO) and a step-down
DC-DC converter to supply the internal BlueNRG-1 circuitry.
The BlueNRG-1 most efficient power management configuration is with DC-DC converter
active where best power consumption is obtained without compromising performances.
Nevertheless, a configuration based on LDO can also be used, if needed.
A simplified version of the state machine is shown below.
Figure 4: BlueNRG-1 power management state machine
3.4.1
States description
3.4.1.1
Preactive state
The preactive state is the default state after a POR event.
In this state:
All the digital power supplies are stable.
The high frequency clock runs on internal fast clock RC oscillator (16 MHz).
The low frequency clock runs on internal RC oscillator (32.768 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com