Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 75 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 71Page - STMicroelectronics BLUENRG-1 Datasheet HTML 72Page - STMicroelectronics BLUENRG-1 Datasheet HTML 73Page - STMicroelectronics BLUENRG-1 Datasheet HTML 74Page - STMicroelectronics BLUENRG-1 Datasheet HTML 75Page - STMicroelectronics BLUENRG-1 Datasheet HTML 76Page - STMicroelectronics BLUENRG-1 Datasheet HTML 77Page - STMicroelectronics BLUENRG-1 Datasheet HTML 78Page - STMicroelectronics BLUENRG-1 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
75/173
Table 79: UART - CR register description: address offset UART_BASE_ADDR+0x30
Bit
Field name
Reset
RW
Description
0
EN
0x0
RW
UART enable. This bit enables the UART.
0: UART is disabled.
1: UART is enabled. Data transmission and reception
can occur. When the UART is disabled in the middle of
transmission or reception, it completes the current
character before stopping.
2:1
RESERVED
0x0
R
RESERVED
3
OVSFACT
0x0
RW
UART oversampling factor.This bit enables the UART
oversampling factor. If UARTCLK is 16 MHz thus max.
baud-rate is 1 Mbaud when OVSFACT = 0b, and 2
Mbaud when OVSFACT = 1b.
0: UART it is 16 UARTCLK clock cycles.
1: UART it is 8 UARTCLK clock cycles.
7:4
RESERVED
0x0
R
RESERVED
8
TXE
0x1
RW
Transmit enable.
0b: UART TX disabled.
1b: UART TX enabled.
9
RXE
0x1
RW
Receive enable.
0b: UART RX disabled.
1b: UART RX enabled.
10
RESERVED
0x0
R
RESERVED
11
RTS
0x0
RW
Request to send.
0: RTS is high.
1: RTS is low.
13:12
RESERVED
0x0
R
RESERVED
14
RTSEN
0x0
RW
RTS hardware flow control enable.
0b: RTS disabled.
1b: RTS enabled. Data is only requested when there is
space in the receive FIFO for it to be received.
15
CTSEN
0x0
RW
CTS hardware flow control enable.
0b: CTS disabled.
1b: CTS enabled. Data is only transmitted when the
CTS is asserted.
19:16
STA_B_DURATION
0x4
RW
START bit duration Receiver state. These bits can be
used to configure the START bit duration (in clock
cycles) to get the bit sampled in the middle of the
UART receiver. These bits can be used only when
using high baud rates (IBRD = 1, FBRD >= 0 and
OVSFACT = 1). Below the formula to calculate the
START bit duration receiver state:
STA_B_DURATION = Integer(Fuartclk/(2* BAUD
RATE)) - 1
Example: when UARTCLK = 16 MHz and BAUD
RATE = 2.0 Mbps then STA_B_DURATION = 4 - 1 =
3. STA_B_DURATION field should be configured with
4'b0011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com