Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 63 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 59Page - STMicroelectronics BLUENRG-1 Datasheet HTML 60Page - STMicroelectronics BLUENRG-1 Datasheet HTML 61Page - STMicroelectronics BLUENRG-1 Datasheet HTML 62Page - STMicroelectronics BLUENRG-1 Datasheet HTML 63Page - STMicroelectronics BLUENRG-1 Datasheet HTML 64Page - STMicroelectronics BLUENRG-1 Datasheet HTML 65Page - STMicroelectronics BLUENRG-1 Datasheet HTML 66Page - STMicroelectronics BLUENRG-1 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
63/173
The maximum deviation error using a 6-bit UART_FBRD register is 1/64 * 100 = 1.56%.
This occurs when DIVFRAC = 1, and the error is cumulative over 64 clock ticks.
Example 1: Calculating the divisor value (with OVSFACT = 0b).
If the required baud rate is 460 800 and the UART clock frequency is 16 MHz then:
Baud rate divisor = (16 x 106) / (16 x 460 800) = 2.170
BRDI = 2 and BRDF = 0.170
Therefore fractional part DIVFRAC = integer(BRDF * 64 + 0.5) = 11
Generated baud rate divider = 2 + (11 / 64) = 2.1718
Generated baud rate = (16 x 106) / (16 x 2.172) = 460 447
Error = (460 800 - 460 405) / 460 800 x 100 = 0.077 %
An internal clock enable signal, Baudl6, is generated, and is a stream of one UARTCLK
wide pulses with an average frequency of 16 (OVSFACT = 0b) or 8 (OVSFACT = 1b) times
the desired baud rate. This signal is then divided by 16 or 8 to give the transmit clock. A
low number in the baud rate divisor gives a short bit period, and a high number in the baud
rate divisor gives a long bit period.
Table 65: "Typical baud rates with OVSFACT = 0" shows some typical bit rates and their
corresponding divisors when OVSFACT = 0b, given the UART clock frequency of 16 MHz.
Table 65: Typical baud rates with OVSFACT = 0
Required bit rate
(bps)
Programmed divisor
Generated bit rate
(bps)
Error
(%)
Integer
(DIVINT)
Fraction
(DIVFRAC)
921 600
1 (16’h0001)
5 (6’h05)
927 557
0.646
460 800
2 (16’h0002)
11 (6’h0B)
460 447
- 0.077
230 400
4 (16’h0004)
2
2 (6’h16)
230 218
- 0.079
115 200
8 (16’h0008)
44 (6’h2C)
115 107
- 0.081
57 600
17 (16’h0011)
23 (6’h17)
57 606
0.010
38 400
26 (16’h001A)
3 (6’h03)
38 392
- 0.021
28 800
34 (16’h0022)
46 (6’h2E)
28 802
0.007
19 200
52 (16’h0034)
5 (6’h05)
19 201
0.005
9 600
104 (16’h0068)
11 (6’h0B)
9 599
- 0.010
2 400
416 (16’h01A0)
43 (6’h2B)
2 399
- 0.042
1 200
833 (16’h04B0)
21 (6’h15)
1 200
0
300
3333
(16’h0D05)
21 (6’h15)
300
0
110
9090
(16’h2382)
58 (6’h3A)
110
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com