Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 20 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 16Page - STMicroelectronics BLUENRG-1 Datasheet HTML 17Page - STMicroelectronics BLUENRG-1 Datasheet HTML 18Page - STMicroelectronics BLUENRG-1 Datasheet HTML 19Page - STMicroelectronics BLUENRG-1 Datasheet HTML 20Page - STMicroelectronics BLUENRG-1 Datasheet HTML 21Page - STMicroelectronics BLUENRG-1 Datasheet HTML 22Page - STMicroelectronics BLUENRG-1 Datasheet HTML 23Page - STMicroelectronics BLUENRG-1 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 173 page
background image
Functional details
BlueNRG-1
20/173
DocID028866 Rev 1
3.5
Clocks and reset management
The BlueNRG-1 embeds an RC low-speed frequency oscillator at 32 kHz and an RO high-
speed frequency oscillator at 16 MHz.
The low-frequency clock is used in low power mode and can be supplied either by a 32.7
kHz oscillator that uses an external crystal and guarantees up to ±50 ppm frequency
tolerance, or by a ring oscillator with maximum ±500 ppm frequency tolerance, which does
not require any external components.
The primary high-speed frequency clock is a 16 MHz or 32 MHz crystal oscillator. A fast-
starting 16 MHz ring oscillator provides the clock while the crystal oscillator is starting up.
Frequency tolerance of high-speed crystal oscillator is ±50 ppm.
The usage of the 16 MHz (or 32 MHz) crystal is strictly necessary for RF communications.
The clock tree for the peripherals is as follows:
Figure 5: Clock tree
When 32 MHz XO is used, only the Cortex-M0, the DMA and the APB tree
(except for BLE radio access) runs at 32 MHz. The rest of the clock tree is divided
by two and stays at 16 MHz.
The following clocks can be enabled/disabled by software to implement optimal power
consumption:
DMA
BLE controller
BLE clock generator
RNG
Flash controller
GPIO
System controller
UART
SPI
I2C1
I2C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com