Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 86 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 82Page - STMicroelectronics BLUENRG-1 Datasheet HTML 83Page - STMicroelectronics BLUENRG-1 Datasheet HTML 84Page - STMicroelectronics BLUENRG-1 Datasheet HTML 85Page - STMicroelectronics BLUENRG-1 Datasheet HTML 86Page - STMicroelectronics BLUENRG-1 Datasheet HTML 87Page - STMicroelectronics BLUENRG-1 Datasheet HTML 88Page - STMicroelectronics BLUENRG-1 Datasheet HTML 89Page - STMicroelectronics BLUENRG-1 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 173 page
background image
Functional details
BlueNRG-1
86/173
DocID028866 Rev 1
Bit
Field name
Reset
RW
Description
5:4
SM
0x0
RW
Speed mode. SM defines the speed mode related to the
serial bit rate:
0: Standard mode (up to 100 K/s).
1: Fast mode (up to 400 K/s).
6
SGCM
0x0
RW
Slave general call mode defines the operating mode of the
slave controller when a general call is received. This setting
does not affect the hardware general call that is always
managed in transparent mode.
0: transparent mode, the slave receiver recognizes the
general call but any action is taken by the hardware after the
decoding of the message included in the Rx FIFO.
1: direct mode, the slave receiver recognizes the general call
and executes directly (without software intervention) the
related actions. Only the status code word is stored in the
I2C_SR register for notification to the application.
7
FTX
0x0
RW
FTX flushes the transmit circuitry (FIFO, fsm). The
configuration of the I2C node (register setting) is not affected
by the flushing operation. The flushing operation is
performed on modules working on different clock domains
(system and I2C clocks) and needs several system clock
cycles before being completed. Upon completion, the I2C
node (internal logic) clears this bit. The application must not
access the Tx FIFO during the flushing operation and should
poll on this bit waiting for completion.
0: Flush operation is completed (I2C controller clears the bit).
1: Flush operation is started and in progress (set by
application).
8
FRX
0x0
RW
FRX flushes the receive circuitry (FIFO, fsm).The
configuration of the I2C node (register setting) is not affected
by the flushing operation. The flushing operation is
performed on modules working on different clock domains
(system and I2C clocks) and needs several system clock
cycles before to be completed. Upon completion, the I2C
node (internal logic) clears this bit. The application must not
access the Rx FIFO during the flushing operation and should
poll on this bit waiting for the completion.
0: Flush operation is completed (I2C controller clears the bit).
1: Flush operation is started and in progress (set by
application).
9
DMA_TX_EN
0x0
RW
Enables the DMA TX interface.
0: Idle state, the DMA TX interface is disabled.
1: Run state, the DMA TX interface is enabled.
On the completion of the DMA transfer, the DMA TX
interface is automatically turned off clearing this bit when the
end of transfer signal coming from the DMA is raised.
DMA_TX_EN and DMA_RX_EN must not enabled at the
same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com