Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 94 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 90Page - STMicroelectronics BLUENRG-1 Datasheet HTML 91Page - STMicroelectronics BLUENRG-1 Datasheet HTML 92Page - STMicroelectronics BLUENRG-1 Datasheet HTML 93Page - STMicroelectronics BLUENRG-1 Datasheet HTML 94Page - STMicroelectronics BLUENRG-1 Datasheet HTML 95Page - STMicroelectronics BLUENRG-1 Datasheet HTML 96Page - STMicroelectronics BLUENRG-1 Datasheet HTML 97Page - STMicroelectronics BLUENRG-1 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 173 page
background image
Functional details
BlueNRG-1
94/173
DocID028866 Rev 1
Table 103: I2C - RISR register description: address offset I2CX_BASE_ADDR+0x30.
Bit
Field name
Reset
RW
Description
0
TXFE
0x1
R
TX FIFO empty. TXFE is set when TX FIFO is empty. This bit
is self-cleared by writing in TX FIFO.
0: TX FIFO is not empty.
1: TX FIFO is empty.
1
TXFNE
0x1
R
TX FIFO nearly empty. TXFNE is set when the number of
entries in TX FIFO is less than or equal to the threshold value
programmed in the I2C_TFTR:THRESHOLD_TX register. It is
self-cleared when the threshold level is over the programmed
threshold.
0: Number of entries in TX FIFO greater than the
TFTR:THRESHOLD_TX register.
1: Number of entries in TX FIFO less than or equal to the
TFTR:THRESHOLD_TX register.
2
TXFF
0x0
R
TX FIFO full. TXFF is set when a full condition occurs in TX
FIFO. This bit is self-cleared when the TX FIFO is not full:
0: TX FIFO is not full.
1: TX FIFO is full.
3
TXFOVR
0x0
R
TX FIFO overrun. TXFOVR is set when a write operation in TX
FIFO is performed and TX FIFO is full. The application must
avoid an overflow condition by a proper data flow control.
Anyway in case of overrun, the application shall flush the
transmitter (CR:FTX bit to set) because the TX FIFO content
is corrupted (at least one word has been lost in FIFO). This
interrupt is cleared by setting the related bit of the ICR
register:
0: No overrun condition occurred in TX FIFO.
1: Overrun condition occurred in TX FIFO.
4
RXFE
0x1
R
RX FIFO empty. RXFE is set when the RX FIFO is empty.
This bit is self-cleared when the slave RX FIFO is not empty:
0: RX FIFO is not empty..
1: RX FIFO is empty..
5
RXFNF
0x0
R
RX FIFO nearly full. RXFNF is set when the number of entries
in RX FIFO is greater than or equal to the threshold value
programmed in the RFTR:THRESHOLD_RX register. Its self-
cleared when the threshold level is under the programmed
threshold:
0: Number of entries in the RX FIFO less than the
RFTR:THRESHOLD_RX register.
1: Number of entries in the RX FIFO greater than or equal to
the RFTR:THRESHOLD_RX register.
6
RXFF
0x0
R
RX FIFO full. RXFF is set when a full condition occurs in RX
FIFO. This bit is self-cleared when the data are read from the
RX FIFO.
0: RX FIFO is not full.
1: RX FIFO is full.
14:7
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com