Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 73 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 69Page - STMicroelectronics BLUENRG-1 Datasheet HTML 70Page - STMicroelectronics BLUENRG-1 Datasheet HTML 71Page - STMicroelectronics BLUENRG-1 Datasheet HTML 72Page - STMicroelectronics BLUENRG-1 Datasheet HTML 73Page - STMicroelectronics BLUENRG-1 Datasheet HTML 74Page - STMicroelectronics BLUENRG-1 Datasheet HTML 75Page - STMicroelectronics BLUENRG-1 Datasheet HTML 76Page - STMicroelectronics BLUENRG-1 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
73/173
Bit
Field name
Reset
RW
Description
6:5
WLEN_RX
0x0
RW
RX Word length. This bit field indicates the number of data bits
received in a frame as follows:
00b: 5 bits.
01b: 6 bits.
10b: 7 bits.
11b: 8 bits.
7
SPS_RX
0x0
RW
RX stick parity select:
0: stick parity is disabled.
1: when PEN_RX = 1b (parity enabled) and EPS_RX = 1b
(even parity), the parity is checked as a 0. When PEN_RX = 1b
and EPS_RX = 0b (odd parity), the parity bit is checked as a 1.
31:8
RESERVED
0x0
R
RESERVED
Table 76: UART - IBRD register description: address offset UART_BASE_ADDR+0x24
Bit
Field name
Reset
RW
Description
15:0
DIVINT
0x0
RW
Baud rate integer. The baud rate divisor is calculated as
follows:
When OVSFACT = 0b in the CR register: Baud rate divisor =
(Frequency (UARTCLK)/(16*Baud rate))
When OVSFACT = 1b in CR register: Baud rate divisor =
(Frequency (UARTCLK)/(8*Baud rate))
where Frequency (UARTCLK) is the UART reference clock
frequency. The baud rate divisor comprises the integer value
(DIVINT) and the fractional value (DIVFRAC). The contents of
the IBRD and FBRD registers are not updated until
transmission or reception of the current character has
completed.
31:16
RESERVED
0x0
R
RESERVED
Table 77: UART - FBRD register description: address offset UART_BASE_ADDR+0x28
Bit
Field name
Reset
RW
Description
5:0
DIVFRAC
0x0
RW
Baud rate fraction. Baud rate integer. The baud rate divisor is
calculated as follows:
When OVSFACT = 0b in the CR register: Baud rate divisor =
(Frequency (UARTCLK)/(16*Baud rate))
When OVSFACT = 1b in CR register: Baud rate divisor =
(Frequency (UARTCLK)/(8*Baud rate))
where Frequency (UARTCLK) is the UART reference clock
frequency. The baud rate divisor comprises the integer value
(DIVINT) and the fractional value (DIVFRAC). The contents of
the IBRD and FBRD registers are not updated until
transmission or reception of the current character has
completed.
31:6
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com