Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 20Page - STMicroelectronics BLUENRG-1 Datasheet HTML 21Page - STMicroelectronics BLUENRG-1 Datasheet HTML 22Page - STMicroelectronics BLUENRG-1 Datasheet HTML 23Page - STMicroelectronics BLUENRG-1 Datasheet HTML 24Page - STMicroelectronics BLUENRG-1 Datasheet HTML 25Page - STMicroelectronics BLUENRG-1 Datasheet HTML 26Page - STMicroelectronics BLUENRG-1 Datasheet HTML 27Page - STMicroelectronics BLUENRG-1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 173 page
background image
Functional details
BlueNRG-1
24/173
DocID028866 Rev 1
Table 12: CKGEN_SOC - REASON_RST register description: address offset
CKGEN_SOC_BASE_ADDR+0x08
Bit
Field name
Reset
RW
Description
0
RESERVED
0x0
R
RESERVED
1
SYSREQ
0x0
R
Reset caused by Cortex-M0 debug asserting SYSRESETREQ
2
WDG
0x0
R
Reset caused by assertion of watchdog Reset
3
LOCKUP
0x0
R
Reset caused by Cortex-M0 asserting LOCKUP signal
31:4
RESERVED
0x0
R
RESERVED
Table 13: CKGEN_SOC - DIE_ID register description: address offset
CKGEN_SOC_BASE_ADDR+0x1C
Bit
Field name
Reset
RW
Description
3:0
REV
0x0
R
Cut revision
8:4
VERSION
0x11
R
Cut version
11:9
PRODUCT
0x0
R
Product
31:12
RESERVED
0x0
R
RESERVED
Table 14: CKGEN_SOC - CLOCK_EN register description: address offset
CKGEN_SOC_BASE_ADDR+0x20
Bit
Field name
Reset
RW
Description
0
GPIO
0x1
RW
GPIO clock
1
NVM
0x1
RW
Flash controller clock
2
SYSCTRL
0x1
RW
System controller clock
3
UART
0x1
RW
UART clock
4
SPI
0x1
RW
SPI clock
6:5
RESERVED
0x3
R
RESERVED
7
WDOG
0x1
RW
Watchdog clock
8
ADC
0x1
RW
ADC clock
9
I2C1
0x1
RW
I2C1 clock
10
I2C2
0x1
RW
I2C2 clock
11
MFT1
0x1
RW
MFT1 clock
12
MFT2
0x1
RW
MFT2 clock
13
RTC
0x1
RW
RTC clock
15:14
RESERVED
0x3
R
RESERVED
16
DMA
0x1
RW
DMA AHB clock
17
RNG
0x1
RW
RNG AHB clock
31:18
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com