Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 47 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 43Page - STMicroelectronics BLUENRG-1 Datasheet HTML 44Page - STMicroelectronics BLUENRG-1 Datasheet HTML 45Page - STMicroelectronics BLUENRG-1 Datasheet HTML 46Page - STMicroelectronics BLUENRG-1 Datasheet HTML 47Page - STMicroelectronics BLUENRG-1 Datasheet HTML 48Page - STMicroelectronics BLUENRG-1 Datasheet HTML 49Page - STMicroelectronics BLUENRG-1 Datasheet HTML 50Page - STMicroelectronics BLUENRG-1 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
47/173
Bit
Field name
Reset
RW
Description
24
CGIF6
0x0
W
Channel 6 global interrupt flag. This bit is set by software.
0: No effect.
1: Clears the GIF, TEIF, HTIF and TCIF flags in the ISR register.
25
CTCIF6
0x0
W
Channel 6 transfer complete flag. This bit is set by software.
0: No effect.
1: Clears the corresponding TCIF flag in the ISR register.
26
CHTIF6
0x0
W
Channel 6 half transfer flag. This bit is set by software.
0: No effect.
1: Clears the corresponding HTIF flag in the ISR register.
27
CTEIF6
0x0
W
Channel 6 transfer error flag. This bit is set by software.
0: No effect.
1: Clears the corresponding TEIF flag in the ISR register.
28
CGIF7
0x0
W
Channel 7 global interrupt flag. This bit is set by software.
0: No effect.
1: Clears the GIF, TEIF, HTIF and TCIF flags in the ISR register.
29
CTCIF7
0x0
W
Channel 7 transfer complete flag. This bit is set by software.
0: No effect.
1: Clears the corresponding TCIF flag in the ISR register.
30
CHTIF7
0x0
W
Channel 7 half transfer flag. This bit is set by software.
0: No effect.
1: Clears the corresponding HTIF flag in the ISR register.
31
CTEIF7
0x0
W
Channel 7 transfer error flag. This bit is set by software.
0: No effect.
1: Clears the corresponding TEIF flag in the ISR register.
DMA_CH0 peripheral base address (DMA_CH0_BASE_ADDR) 0xA0000008
DMA_CH1 peripheral base address (DMA_CH1_BASE_ADDR) 0xA000001C
DMA_CH2 peripheral base address (DMA_CH2_BASE_ADDR) 0xA0000030
DMA_CH3 peripheral base address (DMA_CH3_BASE_ADDR) 0xA0000044
DMA_CH4 peripheral base address (DMA_CH4_BASE_ADDR) 0xA0000058
DMA_CH5 peripheral base address (DMA_CH5_BASE_ADDR) 0xA000006C
DMA_CH6 peripheral base address (DMA_CH6_BASE_ADDR) 0xA0000080
DMA_CH7 peripheral base address (DMA_CH7_BASE_ADDR) 0xA0000094
Table 40: DMA_CHx registers
Address
offset
Name
RW
Reset
Description
0x00
CCR
RW
0x00000000
DMA channel configuration register. Refer to the
detailed description below.
0x04
CNDTR
RW
0x00000000
DMA channel number of data register. Refer to the
detailed description below.
0x08
CPAR
RW
0x00000000
DMA channel peripheral address register. Refer to
the detailed description below.
0x0C
CMAR
RW
0x00000000
DMA channel memory address register. Refer to the
detailed description below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com