Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 95 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 91Page - STMicroelectronics BLUENRG-1 Datasheet HTML 92Page - STMicroelectronics BLUENRG-1 Datasheet HTML 93Page - STMicroelectronics BLUENRG-1 Datasheet HTML 94Page - STMicroelectronics BLUENRG-1 Datasheet HTML 95Page - STMicroelectronics BLUENRG-1 Datasheet HTML 96Page - STMicroelectronics BLUENRG-1 Datasheet HTML 97Page - STMicroelectronics BLUENRG-1 Datasheet HTML 98Page - STMicroelectronics BLUENRG-1 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
95/173
Bit
Field name
Reset
RW
Description
15
LBR
0x0
R
Length number of bytes received. LBR is set in case of MR or
WTS and when the number of bytes received is equal to the
transaction length programmed in the MCR:LENGTH (master
mode) or SMB_SCR:LENGTH (slave mode). On the assertion
of this interrupt and when the bit CR:FRC_STRTCH is set, the
hardware starts clock stretching, the CPU shall download the
data byte (Command code, Byte Count, Data...) from RX
FIFO, re-set the expected length of the transaction in
SMB_SCR:LENGTH and clear the interrupt. When clearing
this interrupt the hardware continues the transfer. This
interrupt is cleared by setting the related bit of the ICR
register.
0: Length number of bytes is not received.
1: Length number of bytes is received.
16
RFSR
0x0
R
Read-from-slave request. RFSR is set when a read-from-slave
"Slavetransmitter" request is received (I2C slave is addressed)
from the I2C line. On the assertion of this interrupt the TX
FIFO is flushed (pending data are cleared) and the CPU shall
put the data in TX FIFO. This bit is self-cleared by writing data
in FIFO. In case the FIFO is empty before the completion of
the read operation, the RISR:RFSE interrupt bit is set.This
interrupt is cleared by setting the related bit of the ICR
register.
0: Read-from-slave request has been served.
1: Read-from-slave request is pending.
17
RFSE
0x0
R
Read-from-slave empty. RFSE is set when a read-from-slave
operation is in progress and TX FIFO is empty. On the
assertion of this interrupt, the CPU shall download in TX FIFO
the data required for the slave operation. This bit is self-
cleared by writing in TX FIFO. At the end of the read-from-
slave operation this bit is cleared although the TX FIFO is
empty.
0: TX FIFO is not empty.
1: TX FIFO is empty with the read-from-slave operation in
progress.
18
WTSR
0x0
R
Write-to-slave request. WTSR is set when a write-to-slave
operation is received (I2C slave is addressed) from the I2C
line. This notification can be used by the application to
program the DMA descriptor when required. This interrupt is
cleared by setting the related bit of the ICR register:
0: No write-to-slave request pending.
1: Write-to-slave request is pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com