Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 87 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 83Page - STMicroelectronics BLUENRG-1 Datasheet HTML 84Page - STMicroelectronics BLUENRG-1 Datasheet HTML 85Page - STMicroelectronics BLUENRG-1 Datasheet HTML 86Page - STMicroelectronics BLUENRG-1 Datasheet HTML 87Page - STMicroelectronics BLUENRG-1 Datasheet HTML 88Page - STMicroelectronics BLUENRG-1 Datasheet HTML 89Page - STMicroelectronics BLUENRG-1 Datasheet HTML 90Page - STMicroelectronics BLUENRG-1 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
87/173
Bit
Field name
Reset
RW
Description
10
DMA_RX_EN
0x0
RW
Enables the DMA RX interface.
0: Idle state, the DMA RX interface is disabled.
1: Run state, the DMA RX interface is enabled.
On the completion of the DMA transfer, the DMA RX
interface is automatically turned off clearing this bit when the
end of transfer signal coming from the DMA is raised.
DMA_TX_EN and DMA_RX_EN must not enabled at the
same time.
14:12
RESERVED
0x0
R
RESERVED
14:13
FON
0x0
RW
Filtering on sets the digital filters on the SDA, SCL line,
according to the I2C bus requirements, when standard open-
drain pads are used:
00b: No digital filters are inserted.
01b: Digital filters (filter 1 ck wide spikes) are inserted.
10b: Digital filters (filter 2 ck wide spikes) are inserted.
11b: Digital filters (filter 4 ck wide spikes) are inserted.
15
FS_1
0x0
RW
Force stop enable bit. When set to 1b, the STOP condition is
generated.
0: Force stop disabled.
1: Enable force stop.
31:16
RESERVED
0x0
R
RESERVED
Table 93: I2C - SCR register description: address offset I2CX_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
6:0
SA7
0x55
RW
Slave address 7-bit. SA7 includes the slave address 7-bit or
the LSB bits of the slave address 10-bit
9:7
ESA10
0x0
RW
Extended slave address 10-bit. ESA10 includes the extension
(MSB bits) to the SA7 register field in case of slave addressing
mode set to 10-bit
21:15
RESERVED
0x0
R
RESERVED
31:16
SLSU
0xF
RW
Slave data setup time. SLSU defines the data setup time after
SCL clock stretching in terms of i2c_clk cycles. Data setup
time is actually equal to SLSU-1 clock cycles. The typical
values for i2c_clk of 16 MHz are SLSU = 5 in standard mode
and SLSU = 3 in fast modes.
Table 94: I2C2 - MCR register description: address offset I2CX_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
0
OP
0x0
RW
Operation
0: Indicates a master write operation.
1: Indicates a master read operation.
7:1
A7
0x0
RW
Address. Includes the 7-bit address or the LSB bits of the10-
bit address used to initiate the current transaction
10:8
EA10
0x0
RW
Extended address. Includes the extension (MSB bits) of the
field A7 used to initiate the current transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com