Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 77 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 73Page - STMicroelectronics BLUENRG-1 Datasheet HTML 74Page - STMicroelectronics BLUENRG-1 Datasheet HTML 75Page - STMicroelectronics BLUENRG-1 Datasheet HTML 76Page - STMicroelectronics BLUENRG-1 Datasheet HTML 77Page - STMicroelectronics BLUENRG-1 Datasheet HTML 78Page - STMicroelectronics BLUENRG-1 Datasheet HTML 79Page - STMicroelectronics BLUENRG-1 Datasheet HTML 80Page - STMicroelectronics BLUENRG-1 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
77/173
Bit
Field name
Reset
RW
Description
7
FEIM
0x0
RW
Framing error interrupt mask. On a read, the current mask for
the FEIM interrupt is returned.
0: Clears the mask (interrupt is disabled).
1: Sets the mask (interrupt is enabled).
8
PEIM
0x0
RW
Parity error interrupt mask. On a read, the current mask for the
PEIM interrupt is returned.
0: Clears the mask (interrupt is disabled).
1: Sets the mask (interrupt is enabled).
9
BEIM
0x0
RW
Break error interrupt mask. On a read, the current mask for
the BEIM interrupt is returned.
0: Clears the mask (interrupt is disabled).
1: Sets the mask (interrupt is enabled).
10
OEIM
0x0
RW
Overrun error interrupt mask. On a read, the current mask for
the OEIM interrupt is returned.
0: Clears the mask (interrupt is disabled).
1: Sets the mask (interrupt is enabled).
11
XOFFIM
0x0
RW
XOFF interrupt mask. On a read, the current mask for the
XOFFIM interrupt is returned.
0: Clears the mask (interrupt is disabled).
1: Sets the mask (interrupt is enabled).
12
TXFEIM
0x0
RW
TX FIFO empty interrupt mask. On a read, the current mask
for the TXFEIM interrupt is returned.
0: Clears the mask (interrupt is disabled).
1: Sets the mask (interrupt is enabled).
31:13
RESERVED
0x0
R
RESERVED
Table 82: UART - RIS register description: address offset UART_BASE_ADDR+0x3C
Bit
Field name
Reset
RW
Description
0
RESERVED
0x0
R
RESERVED
1
CTSMIS
0x0
R
Clear to send interrupt status.
0: The interrupt is not pending.
1: The interrupt is pending.
3:2
RESERVED
0x0
R
RESERVED
4
RXIS
0x0
R
Receive interrupt status.
0: The interrupt is not pending.
1: The interrupt is pending.
5
TXIM
0x0
R
Transmit interrupt status.
0: The interrupt is not pending.
1: The interrupt is pending.
6
RTIS
0x0
R
Receive timeout interrupt status.
0: The interrupt is not pending.
1: The interrupt is pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com