Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-1 Datasheet(PDF) 31 Page - STMicroelectronics

Part # BLUENRG-1
Description  Bluetooth low energy wireless system-on-chip
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-1 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button BLUENRG-1 Datasheet HTML 27Page - STMicroelectronics BLUENRG-1 Datasheet HTML 28Page - STMicroelectronics BLUENRG-1 Datasheet HTML 29Page - STMicroelectronics BLUENRG-1 Datasheet HTML 30Page - STMicroelectronics BLUENRG-1 Datasheet HTML 31Page - STMicroelectronics BLUENRG-1 Datasheet HTML 32Page - STMicroelectronics BLUENRG-1 Datasheet HTML 33Page - STMicroelectronics BLUENRG-1 Datasheet HTML 34Page - STMicroelectronics BLUENRG-1 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 173 page
background image
BlueNRG-1
Functional details
DocID028866 Rev 1
31/173
Bit
Field name
Reset
RW
Description
4
STOP
0x0
RW
Permits to stop the continuous conversion.
0: continuous conversion is enabled but SWSTART and
ADCON bits must be set.
1: stop the continuous conversion and switch off the ADC.
5
ENAB_COMP
0x0
RW
Enables the window comparator when set to 1. WDOG
flag is ADC_SR register is set if the converted value is
between THRESHOLD_HI and THRESHOLD_LO value.
6
RSTCALEN
0x0
RW
Disable the calibration phase when set to 1. This bit has to
be set to disable the calibration each time calibration is
enabled.
7
AUTO_OFFSET
0x0
RW
Enables the update of OFFSET register.
0: OFFSET register is not updated.
1: OFFSET register is updated.
8
MIC_ON
0x0
RW
Enables the filter chain for voice when set to 1.
0: Filter chain is disabled.
1: Filter chain is enabled.
9
DMA_EN
0x0
RW
Enables the DMA.
0: DMA is disabled.
1: DMA is enabled.
31:10
RESERVED
0x0
R
RESERVED
Table 27: ADC - CONF register description: address offset ADC_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
0
EN_DFMODE
0x1
RW
Control the current in differential mode:
0: Differential mode with DC common mode current not
nulled.
1: Differential mode with DC common mode current
nulled.
3:1
CHSEL
0x7
RW
Select the input channel:
000b: All switches open.
001b: Single ended through ADC2 pin. InP = Vbias
(internal), InN = ADC2 pin.
010b: Single ended through ADC1 pin. InP = ADC1 pin,
InN = Vbias (internal).
011b: Differential ADC1 pin - ADC2 pin, InP = ADC1 pin,
InN = ADC2 pin.
101b: Battery level detector. InP = 0.6 V (internal), InN =
BLD.
110b: Short InN = InP = 0.6 V (internal).
5:4
REFSEL
0x3
RW
Set the Vbias for single ended conversion:
00b: 0.0 V.
01b: 0.4 V.
10b: 0.6 V.
11b: 1.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com