Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 135 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 135 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 131Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 132Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 133Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 134Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 135Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 136Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 137Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 138Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 139Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 135 / 139 page
background image
April 2008
Datasheet
309823-10
135
Numonyx™ StrataFlash® Cellular Memory (M18)
Notes:
1.
Diagram shows WAIT as active low (RCR.10=0) and asserted with Data (RCR.8=0).
2.
For no-wrap bursts, end-of-wordline WAIT states could occur (not shown in timing diagram)
3.
Without latching A[MAX:16] in the Sync Read Cycle, the previously latched A[MAX:16] applies.
A.3.4
Synchronous Write Cycles
For synchronous writes, only the address latching cycle(s) are synchronous.
Synchronous address latching is depicted in the timing diagrams for synchronous read
cycles:
• Figure 65, “AADM Sync Burst Read Cycle (ADV# De-asserted between Address
Cycles)” on page 134
• Figure 66, “AADM Sync Burst Read Cycle (ADV# Not De-asserted between Address
Cycles)” on page 134
• Figure 67, “AADM Sync Burst Read Cycle (Latching A[15:0] only)” on page 135
The actual write operation (rising WE# edge) is asynchronous and is independent of
CLK. Asynchronous writes are depicted in the timing diagrams for asynchronous write
cycles:
• Figure 63, “AADM Asynchronous Write Cycle (Latching A[MAX:0])” on page 132
• Figure 64, “AADM Asynchronous Write Cycle (Latching A[15:0] only)” on page 132
A.3.5
System Boot
Systems that use the AADM mode will boot from the bottom 128k Bytes of device
memory because A[MAX:16] are expected to be grounded in-system. The 128k Byte
boot region is sufficient to perform required boot activities before setting RCR[4] to
enable AADM mode.
Figure 67: AADM Sync Burst Read Cycle (Latching A[15:0] only)
A[15:0]
DQ[15:0]
DQ[15:0]
A
R312
R307
R314
R303
R317
R313
R311
R302
R305
R304
R315
R306
R301
A/DQ[15:0]
CLK
ADV#
CE#
OE#
WE#
WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com