Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 136 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 136 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 131Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 132Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 133Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 134Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 135Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 136Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 137Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 138Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 139Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 136 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
136
309823-10
Appendix B Additional Information
Appendix C Ordering Information
To order samples, obtain datasheets or inquire about any stack combination, please
contact your local Numonyx representative.
Order Number
Document/Tool
315567
Numonyx™ StrataFlash® Cellular Memory (M18) Developer’s Manual
307654
Numonyx™ StrataFlash® Cellular Memory (M18 SCSP); 2048-Mbit M18 (Non-Mux and AD-Mux I/O)
Family with Synchronous PSRAM Datasheet
310048
Designing with Numonyx™ StrataFlash® Wireless Memory and Pre-enabling Numonyx™ StrataFlash®
Cellular Memory, Application Note 822
309311
Numonyx™ StrataFlash® Cellular Memory (M18 SCSP) to ARM® PrimeCellTM Design Guide, Application
Note 841
315651
Migration Guide for Numonyx™ StrataFlash® Cellular Memory (M18) 90 nm to 65 nm, Application Note
860
310058
Effect of Program Buffer Size on System Interrupt Latency, Application Note 816
Notes:
4.
Visit Numonyx’s World Wide Web home page at http://www.numonyx.com for technical documentation and tools or for
the most current information on Numonyx flash products.
Table 66: 38F Type Stacked Components
PF
38F
5070
M0
Y
0
B
0
Package
Designator
Product Line
Designator
Product Die/
Density
Configuration
NOR Flash Prodcut
Family
Voltage/NOR
Flash CE#
Configuration
Parameter /
Mux
Configuration
Ballout
Identifier
Device
Details
PF =
SCSP, RoHS
RD =
SCSP, Leaded
Stacked NOR
Flash + RAM
Char 1 = Flash
die #1
Char 2 = Flash
die #2
Char 3 =
RAM die #1
Char 4 =
RAM die #2
(See
Table 68,
“38F / 48F
Density
Decoder”
on
page 137 for
details)
First character
applies to Flash
die #1
Second character
applies to Flash
die #2
(See
Table 69,
“NOR Flash
Family
Decoder” on
page 138 for
details)
V =
1.8 V Core
and I/O;
Separate Chip
Enable per die
(See
Table 70,
“Voltage /
NOR Flash
CE#
Configurati
on
Decoder”
on
page 138
for details)
0 =
No parameter
blocks; Non-
Mux I/O
interface
(See
Table 71,
“Parameter
/ Mux
Configurati
on
Decoder”
on
page 138
for details)
B =
x16D
Ballout
(See
Table 72
,
“Ballout
Decoder
” on
page 13
9 for
details)
0 =
Original
released
version of
this
product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com