Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0P3C0 Datasheet(PDF) 138 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 138 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 131Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 132Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 133Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 134Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 135Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 136Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 137Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 138Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 139Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 138 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
138
309823-10
Table 69: NOR Flash Family Decoder
Code
Family
Marketing Name
C
C3
Numonyx™ Advanced+ Boot Block Flash Memory
J
J3v.D
Numonyx™ Embedded Flash Memory
L
L18 / L30
Numonyx™ StrataFlash® Wireless Memory
M
M18
Numonyx™ StrataFlash® Cellular Memory
P
P30 / P33
Numonyx™ StrataFalsh® Embedded Memory
W
W18 / W30
Numonyx™ Wireless Flash Memory
0(zero)
-
No Die
Table 70: Voltage / NOR Flash CE# Configuration Decoder
Code
I/O Voltage
(Volt)
Core Voltage (Volt)
CE# Configuration
Z
3.0
1.8
Seperate Chip Enable per die
Y
1.8
1.8
Seperate Chip Enable per die
X
3.0
3.0
Seperate Chip Enable per die
V
3.0
1.8
Virtual Chip Enable
U
1.8
1.8
Virtual Chip Enable
T
3.0
1.8
Virtual Chip Enable
R3.0
1.8
Virtual Address
Q1.8
1.8
Virtual Address
P3.0
3.0
Virtual Address
Table 71: Parameter / Mux Configuration Decoder (Sheet 1 of 2)
Code, Mux
Identification
Number of Flash Die
Bus Width
Flash Die 1
Flash Die 2
Flash Die 3
Flash Die 4
0 = Non Mux
1 = AD Mux
3 = "Full" AD
Mux
Any
NA
Notation used for stacks that contain no parameter blocks
B = Non Mux
C = AD Mux
F = "Full" Ad
Mux
1
X16
Bottom
-
-
-
2
Bottom
Top
-
-
3
Bottom
Bottom
Top
-
4
Bottom
Top
Bottom
Top
2
X32
Bottom
Bottom
-
-
4
Bottom
Bottom
Top
Top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com