Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 30Page - Renesas Technology Corp H8/38076RF Datasheet HTML 31Page - Renesas Technology Corp H8/38076RF Datasheet HTML 32Page - Renesas Technology Corp H8/38076RF Datasheet HTML 33Page - Renesas Technology Corp H8/38076RF Datasheet HTML 34Page - Renesas Technology Corp H8/38076RF Datasheet HTML 35Page - Renesas Technology Corp H8/38076RF Datasheet HTML 36Page - Renesas Technology Corp H8/38076RF Datasheet HTML 37Page - Renesas Technology Corp H8/38076RF Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxxiv of lxxii
Item
Page
Revision (See Manual for Details)
15.4.3 Data
Transmission
Figure 15.6 Sample
Serial Transmission
Flowchart
(Asynchronous Mode)
337
Figure amended
<End>
No
Yes
[3]
Clear PDR to 0 and
set PCR to 1
Break output?
[3] To output a break in serial
transmission, after setting PCR to 1
and PDR to 0, clear the SPC31
(SPC32) bit in SPCR and the TE bit
in SCR to 0.
Clear SPC31 (SPC32) bit in SPCR
and TE bit in SCR to 0*
15.6 Multiprocessor
Communication
Function
Deleted
15.6.1 Transmission
348
Description amended
... a high-level pulse width of at least 1.41
µs to 1.6 µs can be
specified.
Figure 15.16 IrDA
Transmission and
Reception
349
Figure amended
(Before) ... 3/16 bit cycle
→ (After) ... 3/16 bit rate
15.6.2 Reception
349
Description amended
If a pulse has a high-level width of less than 1.41
µs, ...
15.8.2 Mark State and
Break Sending
354
Description amended
Regardless of the value of TE, when the SPCR31 (SPCR32) bit
in SPCR is cleared to 0, the TXD31 (TXD32) pin is used as an
I/O port whose direction (input or output) and level are
determined by PCR and PDR. This can be used to set the
TXD31 (TXD32) pin to mark state (high level) or send a break
during serial data transmission. To maintain the communication
line at mark state (1) until SPCR31 (SPCR32) in SPCR is set to
1, set both PCR and PDR to 1. As SPCR31 (SPCR32) in SPCR
is cleared to 0 at this point, the TXD31 (TXD32) pin becomes an
I/O port, and 1 is output from the TXD31 (TXD32) pin. To send a
break during serial transmission, first set PCR to 1 and PDR to 0,
and then clear SPCR31 (SPCR32) and TE to 0. If TE is cleared
to 0 immediately after SPCR31 (SPCR32) is cleared to 0, the
transmitter is initialized regardless of the current transmission
state after TE is cleared, and when SPCR31 (SPCR32) is
cleared to 0 the TXD31 (TXD32) pin becomes an I/O port and 0
is output from it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com