Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 19Page - Renesas Technology Corp H8/38076RF Datasheet HTML 20Page - Renesas Technology Corp H8/38076RF Datasheet HTML 21Page - Renesas Technology Corp H8/38076RF Datasheet HTML 22Page - Renesas Technology Corp H8/38076RF Datasheet HTML 23Page - Renesas Technology Corp H8/38076RF Datasheet HTML 24Page - Renesas Technology Corp H8/38076RF Datasheet HTML 25Page - Renesas Technology Corp H8/38076RF Datasheet HTML 26Page - Renesas Technology Corp H8/38076RF Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxiii of lxxii
Item
Page
Revision (See Manual for Details)
10.6.2 Notes on Using
Interrupts
213
Added
11.6.1 16-Bit Timer
Mode
226
Description amended
If an OCRFL write and compare match signal generation occur
simultaneously, the compare match signal is invalid. However, a
compare match signal may or may not be generated when the
written data and the counter value match. ...
11.6.2 8-Bit Timer
Mode
226
Description amended
(1) TCFH, OCRFH
If an OCRFH write and compare match signal generation occur
simultaneously, the compare match signal is invalid. However, a
compare match signal may or may not be generated when the
written data and the counter value match. ...
227
Description amended
(2) TCFL, OCRFL
If an OCRFL write and compare match signal generation occur
simultaneously, the compare match signal is invalid. However, a
compare match signal may or may not be generated when the
written data and the counter value match. ...
11.6.3 Flag Clearing
227
Description amended
For ST of (1) formula, please substitute the longest number of
execution states in used instruction.
Section 12 16-Bit
Timer Pulse Unit
(TPU)
12.1 Features
231
Description amended
A maximum 2-phase PWM output is possible in combination with
synchronous operation
Table 12.1 TPU
Functions
232
Table amended
Item
Channel 1
Channel 2
I/O pin
TIOCA1
TIOCA2
Input pin
TIOCB1
TIOCB2
Counter clear function
TGR compare match or input
capture
TGR compare match or input
capture
0 output
O
—
1 output
O
—
Compare
match
output
Toggle output
O
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com