Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 8Page - Renesas Technology Corp H8/38076RF Datasheet HTML 9Page - Renesas Technology Corp H8/38076RF Datasheet HTML 10Page - Renesas Technology Corp H8/38076RF Datasheet HTML 11Page - Renesas Technology Corp H8/38076RF Datasheet HTML 12Page - Renesas Technology Corp H8/38076RF Datasheet HTML 13Page - Renesas Technology Corp H8/38076RF Datasheet HTML 14Page - Renesas Technology Corp H8/38076RF Datasheet HTML 15Page - Renesas Technology Corp H8/38076RF Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xii of lxxii
Item
Page
Revision (See Manual for Details)
4.6 Operation
Table 4.3 Interrupt
Control States
88
Table amended
(Before) priority level
→ (After) mask level
Description amended
2. The following control operations are performed by referencing
the INTM1 and INTM0 bits in INTM and the I bit in CCR.
• When the I bit is set to 1, the interrupt request is held pending.
• When the I bit is cleared to 0 and the INTM1 bit is set to 1,
interrupts with mask level 1 or below are held pending.
• When the I bit is cleared to 0, the INTM1 bit is cleared to 0,
and the INTM0 bit is set to 1, interrupt requests with mask level 0
are held pending.
• When the I bit, INTM1 bit, and INTM0 bit are all cleared to 0,
all interrupt requests are accepted.
3. If contention occurs between interrupts that are not held
pending by the INTM1 and INTM0 bits in the INTM register and
the I bit in CCR, the interrupt with the highest priority as shown in
table 4.2 is selected, regardless of the IPR setting.
Figure 4.2 Flowchart
of Procedure Up to
Interrupt Acceptance
89
Figure amended
Program execution state
Interrupt generated?
No
No
No
No
No
No
No
No
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
NMI or address
break?
I = 0?
I = 0?
INTM1 = 0?
INTM0 = 0?
INTM1 = 0?
INTM0 = 1?
Mask level
1 or 2 interrupt?
I = 0?
Mask level 2
interrupt?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com