Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 20Page - Renesas Technology Corp H8/38076RF Datasheet HTML 21Page - Renesas Technology Corp H8/38076RF Datasheet HTML 22Page - Renesas Technology Corp H8/38076RF Datasheet HTML 23Page - Renesas Technology Corp H8/38076RF Datasheet HTML 24Page - Renesas Technology Corp H8/38076RF Datasheet HTML 25Page - Renesas Technology Corp H8/38076RF Datasheet HTML 26Page - Renesas Technology Corp H8/38076RF Datasheet HTML 27Page - Renesas Technology Corp H8/38076RF Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxiv of lxxii
Item
Page
Revision (See Manual for Details)
12.1 Features
Figure 12.1 Block
Diagram of TPU
233
Figure amended
TIOCA1
TIOCA2
Input/output pins
Channel 1:
Channel 2:
TIOCB1
TIOCB2
Input pins
Channel 1:
Channel 2:
12.2 Input/Output
Pins
Table 12.2 Pin
Configuration
233
Table amended
Channel
Symbol
I/O
Function
1
TIOCA1
I/O
TGRA_1 input capture input/output compare
output/PWM output pin
TIOCB1
Input
Input
TGRB_1 input capture input
pin
2
TIOCA2
I/O
TGRA_2 input capture input/output compare
output/PWM output pin
TIOCB2
TGRB_2 input capture input
pin
12.3.3 Timer I/O
Control Register
(TIOR)
Table 12.7 TIOR_1
(Channel 1)
239
Table amended
Description
Bit 7
IOB3
Bit 6
IOB2
Bit 5
IOB1
Bit 4
IOB0
TGRB_1
Function
TIOCB1 Pin Function
0
0
0
0
Output disabled
1
Output
compare
register
10
1
100
1
10
1
Setting prohibited
Table 12.8 TIOR_2
(Channel 2)
240
Table amended
Description
Bit 7
IOB3
Bit 6
IOB2
Bit 5
IOB1
Bit 4
IOB0
TGRB_2
Function
TIOCB2 Pin Function
0
0
0
0
Output disabled
1
Output
compare
register
10
1
100
1
10
1
Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com