Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 89Page - Renesas Technology Corp H8/38076RF Datasheet HTML 90Page - Renesas Technology Corp H8/38076RF Datasheet HTML 91Page - Renesas Technology Corp H8/38076RF Datasheet HTML 92Page - Renesas Technology Corp H8/38076RF Datasheet HTML 93Page - Renesas Technology Corp H8/38076RF Datasheet HTML 94Page - Renesas Technology Corp H8/38076RF Datasheet HTML 95Page - Renesas Technology Corp H8/38076RF Datasheet HTML 96Page - Renesas Technology Corp H8/38076RF Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 669 page
background image
Section 1 Overview
Rev. 4.00 Aug 23, 2006 Page 21 of 594
REJ09B0093-0400
Pin No.
Type
Symbol
FP-80A,
TFP-80C TLP-85V
Pad
No.*
1
Pad
No.*
2
I/O
Functions
LCD
controller/
driver
COM1 to
COM4
27 to 30 J4, K5, H5,
J6
28 to
31
27 to
30
Output LCD common output pins.
SEG1 to
SEG8
31 to 38 J5, H6, H7,
K6, J7, J8,
K7, H8
32 to
39
31 to
38
Output LCD segment output pins.
SEG9 to
SEG16
39 to 46 K9, K8, J10
H10, J9,
H9, G8
40 to
47
39 to
46
Output
SEG17 to
SEG24
47 to 54 G9, F10,
F8, E9, F9,
E8, D8,
E10
48 to
55
47 to
54
Output
SEG25 to
SEG32
55 to 62 D9, C9,
D10, C8,
B10, C10,
A9, A8
56 to
63
55 to
62
Output
I/O ports
P10 to
P12
78 to 80 C3, A2, A3 79 to
81
78 to
80
I/O
P13 to
P16
1 to 4
B1, C1, B2,
C2
1 to 4
1 to 4
7-bit I/O pins. Input or output can be
designated for each bit by means of
the port control register 1 (PCR1).
P30 to
P32, P36,
P37
5 to 9
D1, D3, D2,
E1, E3
5 to 9
5 to 9
I/O
5-bit I/O pins. Input or output can be
designated for each bit by means of
the port control register 3 (PCR3).
P40 to
P42
18 to 20 H3, J1, H1 19 to
21
18 to
20
I/O
3-bit I/O pins. Input or output can be
designated for each bit by means of
the port control register 4 (PCR4).
P50 to
P57
31 to 38 J5, H6, H7,
K6, J7, J8,
K7, H8
32 to
39
31 to
38
I/O
8-bit I/O pins. Input or output can be
designated for each bit by means of
the port control register 5 (PCR5).
P60 to
P67
39 to 46 K9, K8,
J10, H10,
J9, H9,
G10, G8
40 to
47
39 to
46
I/O
8-bit I/O pins. Input or output can be
designated for each bit by means of
the port control register 6 (PCR6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com