Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 26Page - Renesas Technology Corp H8/38076RF Datasheet HTML 27Page - Renesas Technology Corp H8/38076RF Datasheet HTML 28Page - Renesas Technology Corp H8/38076RF Datasheet HTML 29Page - Renesas Technology Corp H8/38076RF Datasheet HTML 30Page - Renesas Technology Corp H8/38076RF Datasheet HTML 31Page - Renesas Technology Corp H8/38076RF Datasheet HTML 32Page - Renesas Technology Corp H8/38076RF Datasheet HTML 33Page - Renesas Technology Corp H8/38076RF Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxx of lxxii
Item
Page
Revision (See Manual for Details)
15.3.5 Serial Mode
Register (SMR)
313
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 0 and 1
These bits select the clock source for the on-chip baud
rate generator.
00:
φ clock (n = 0)
01:
φw/2 or φ w clock (n = 1)
10:
φ/16 clock (n = 2)
11:
φ/64 clock (n = 3)
When the setting value is 01 in active (medium-
speed/high-speed) mode and sleep (medium-
speed/high-speed) mode
φw/2 clock is set. In subacive
mode and subsleep mode,
φw clock is set. The SCI3 is
enabled only, when
φw/2 is selected for the CPU
operating clock.
For the relationship between the bit rate register setting
and the baud rate, see section 15.3.8, Bit Rate
Register (BRR). n is the decimal representation of the
value of n in BRR (see section 15.3.8, Bit Rate
Register (BRR)).
15.3.6 Serial Control
Register (SCR)
315
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
3MPIE
0
R/W
Reserved
15.3.7 Serial Status
Register (SSR)
318
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
1
MPBR
0
R
Reserved
This bit is read-only and reserved. It cannot be written
to.
0
MPBT
0
R/W
Reserved
The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com