Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 14Page - Renesas Technology Corp H8/38076RF Datasheet HTML 15Page - Renesas Technology Corp H8/38076RF Datasheet HTML 16Page - Renesas Technology Corp H8/38076RF Datasheet HTML 17Page - Renesas Technology Corp H8/38076RF Datasheet HTML 18Page - Renesas Technology Corp H8/38076RF Datasheet HTML 19Page - Renesas Technology Corp H8/38076RF Datasheet HTML 20Page - Renesas Technology Corp H8/38076RF Datasheet HTML 21Page - Renesas Technology Corp H8/38076RF Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xviii of lxxii
Item
Page
Revision (See Manual for Details)
7.3 On-Board
Programming Modes
140
... The boot program transfers the programming control program
from the externally-connected host to on-chip RAM via SCI3
(channel 2). ...
7.6 Programmer
Mode
151
Description amended
... with the on-chip 64-kbyte flash memory (FZTAT64V3).
7.8 Notes on Setting
Module Standby Mode
152
Description amended
Even if an interrupt source occurs while the interrupt is enabled
in module standby mode, program runaway may occur because
the vector cannot be fetched.
9.1.5 Pin Functions
161
Description amended
• P15/TIOCB2 pin
TPU Channel 2
Setting
Next table
(1)
Next table
(2)
Next table (3)
PCR15
0
1
0
1
P15 input
pin
P15 output
pin
Pin Function
P15 input
pin
P15 output
pin
TIOCB2 input pin*
Note:
*
When the MD1 and MD0 bits are set to B'00 and the IOB3 bit to 1, the pin function
becomes the TIOCB2 input pin.
Clear PCR15 to 0 when using TIOCB2 as an input pin.
TPU Channel 2
Setting
(2)
(3)
(1)
MD1, MD0
B'00
B'10, B'01, B'11
IOB3 to IOB0
B'0000
B'1xxx
B'0001 to B'0111
B'xxxx
CCLR1, CCLR0
B'xx
Output Function
Setting prohibited
[Legend]
x: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com