Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 24Page - Renesas Technology Corp H8/38076RF Datasheet HTML 25Page - Renesas Technology Corp H8/38076RF Datasheet HTML 26Page - Renesas Technology Corp H8/38076RF Datasheet HTML 27Page - Renesas Technology Corp H8/38076RF Datasheet HTML 28Page - Renesas Technology Corp H8/38076RF Datasheet HTML 29Page - Renesas Technology Corp H8/38076RF Datasheet HTML 30Page - Renesas Technology Corp H8/38076RF Datasheet HTML 31Page - Renesas Technology Corp H8/38076RF Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxviii of lxxii
Item
Page
Revision (See Manual for Details)
13.5 Operating States
of Asynchronous Event
Counter
Table 13.3 Operating
States of
Asynchronous Event
Counter
292
Notes: 1. When an asynchronous external event is input, the
counter increments. However, an interrupt request is issued
when the counter overflows.
13.6 Usage Notes
Table 13.4 Maximum
Clock Frequency
293
Table amended
Mode
Maximum Clock Frequency
Input to AEVH/AEVL Pin
Active (high-speed), sleep (high-speed)
10 MHz
Active (medium-speed), sleep (medium-speed)
(
φ
OSC/8)
(
φ
OSC/16)
(
φ
OSC/32)
(
φ
OSC/64)
2 · f
OSC
f
OSC
1/2 · f
OSC
1/4 · f
OSC
294
Description added
7. If the flash version is used with the IRQAEC pin fixed at high
level, simply switching to a mask ROM version will result in the
on-chip oscillator being used.
14.1 Features
295
… or the WDT on-chip oscillator
can be selected as the
timer-counter clock.
Figure 14.1 Block
Diagram of
Watchdog Timer
296
Figure amended
φ
PSS
WDT
on-chip
oscillator
14.2.1 Timer
Control/Status
Register WD1
(TCSRWD1)
298
Note
* added
Bit
Bit Name
Initial
Value
R/W
Description
2
WDON
0
R/W
Watchdog Timer On*
TCWD starts counting up when the WDON bit is set to
1 and halts when the WDON bit is cleared to 0.
Note: * When transitioning to the watch mode or standby mode while the main internal clock is
selected (CKS3 = 1) using timer mode register WD (TMWD), make sure to clear WDON to
0 to halt operation of TCWD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com