Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 22Page - Renesas Technology Corp H8/38076RF Datasheet HTML 23Page - Renesas Technology Corp H8/38076RF Datasheet HTML 24Page - Renesas Technology Corp H8/38076RF Datasheet HTML 25Page - Renesas Technology Corp H8/38076RF Datasheet HTML 26Page - Renesas Technology Corp H8/38076RF Datasheet HTML 27Page - Renesas Technology Corp H8/38076RF Datasheet HTML 28Page - Renesas Technology Corp H8/38076RF Datasheet HTML 29Page - Renesas Technology Corp H8/38076RF Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxvi of lxxii
Item
Page
Revision (See Manual for Details)
12.5.4 PWM Modes
(2) PWM Mode 2
259
Description amended
In PWM mode 2, PWM output is enabled up to 2 phases.
Table 12.12 PWM
Output Registers and
Output Pins
260
Table amended
(Before) TIOCB1
→ (After) —
(Before) TIOCB2
→ (After) —
(4) Examples of
PWM Mode
Operation
261
Description amended
Figure 12.18 shows an example of PWM mode 1 operation.
........, 0 is set for the TGRA initial output value
, and 1 is set
as the TGRB output value.
… TGRB_2 compare match is set as the TCNT clearing source,
and 0 is set for the initial output value and 1 for the output value
of the other TGR registers (TGRA_1, TGRB_1, and TGRA_2),
outputting a 2-phase PWM waveform.
In this case, the value set in TGRB_2 is used as the cycle, …
Figure 12.19
Example of PWM
Mode Operation (2)
262
Figure amended
TCNT_1 and TCNT_2
Synchronous clearing by
TGRB_2 compare match
Time
H'0000
TIOCA1
TGRA_1
TGRA_2
TGRB_2
TIOCA2
13.3.1 Event
Counter PWM
Compare Register
(ECPWCR)
281
Description added
Always read or write to this register in word size.
13.3.2 Event
Counter PWM Data
Register (ECPWDR)
282
Description added
Always read or write to this register in word size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com