Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 32Page - Renesas Technology Corp H8/38076RF Datasheet HTML 33Page - Renesas Technology Corp H8/38076RF Datasheet HTML 34Page - Renesas Technology Corp H8/38076RF Datasheet HTML 35Page - Renesas Technology Corp H8/38076RF Datasheet HTML 36Page - Renesas Technology Corp H8/38076RF Datasheet HTML 37Page - Renesas Technology Corp H8/38076RF Datasheet HTML 38Page - Renesas Technology Corp H8/38076RF Datasheet HTML 39Page - Renesas Technology Corp H8/38076RF Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxxvi of lxxii
Item
Page
Revision (See Manual for Details)
19.3.4 A/D
Start/Status Register
(ADSSR)
407
Note amended
Notes: Setting Method for LCD Trimming Register (LTRMR)
Assuming the following definitions,
V1 initial state voltage: A
LTRMR register
TRM3 to TRM0: B
CTRM2 to CTRM0: C
rough guidelines for the voltages after trimming are as
follows:
V1 voltage = A + B + C
V2 voltage = (A + B + C) × 2/3
V3 voltage = (A + B + C) / 3
After monitoring voltage A, set B and C so the V1
voltage is 3 V.
19.3.5 BGR Control
Register (BGRMR)
409
Description amended
Bit
Bit Name
Initial
Value
R/W
Description
2 to 0
All 0
R/W
Reserved
This bit is always read as 0, and only 0 can be written to
it.
19.4.3 3-V Constant-
Voltage Power
Supply Circuit
417
Note 4 added
4. Initially, the step-up circuit output voltage differs among
individual devices due to production variation. Therefore, make
sure to adjust the settings of the LCD trimming register (LTRMR)
individually for each device.
19.5 Usage Notes
420
Added
19.5.1 Pin Processing
when No LCD
Controller/Driver Is
Used
19.5.2 Pin Processing
when No 3 V Constant
Voltage Circuit Is Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com