Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 25Page - Renesas Technology Corp H8/38076RF Datasheet HTML 26Page - Renesas Technology Corp H8/38076RF Datasheet HTML 27Page - Renesas Technology Corp H8/38076RF Datasheet HTML 28Page - Renesas Technology Corp H8/38076RF Datasheet HTML 29Page - Renesas Technology Corp H8/38076RF Datasheet HTML 30Page - Renesas Technology Corp H8/38076RF Datasheet HTML 31Page - Renesas Technology Corp H8/38076RF Datasheet HTML 32Page - Renesas Technology Corp H8/38076RF Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxix of lxxii
Item
Page
Revision (See Manual for Details)
14.2.2 Timer
Control/Status Register
WD2 (TCSRWD2)
300
Note 4 amended
4. In subactive mode, clear this flag after setting the CKS3 to
CKS0 bits in TMWD to B'0XXX (WDT on-chip oscillator).
14.2.4 Timer Mode
Register WD
(TMWD)
301
Description amended
Bit
Bit Name
Initial
Value
R/W
Description
3
2
1
0
CKS3
CKS2
CKS1
CKS0
1
1
1
1
R/W
R/W
R/W
R/W
0XXX: WDT on-chip oscillator
For the WDT on-chip oscillator overflow periods, see
section 24, Electrical Characteristics.
In active (medium-speed) mode or sleep (medium-
speed) mode, the setting of B'0XXX and interval timer
mode is disabled.
14.3.1 Watchdog
Timer Mode
302
Description amended
… The internal reset signal is output for a period of 256 φ
OSC clock
cycles.
…
Figure 14.2 Example
of Watchdog Timer
Operation
Figure amended
(Before) 512
φ
OSC clock cycles → (After) 256φOSC clock cycles
14.3.2 Interval Timer
Mode
Figure 14.3 Interval
Timer Mode Operation
303
Figure amended
(Before) WT/
IT = 0 → (After) WT/IT = 1
TME = 1
Section 15 Serial
Communication
Interface 3 (SCI3, IrDA)
305
Description amended
The serial communication interface 3 (SCI3) can handle both
asynchronous and clocked synchronous serial communication. ...
or an Asynchronous Communication Interface Adapter (ACIA).
The SCI3_1 can transmit and receive IrDA ...
15.3.5 Serial Mode
Register (SMR)
312
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
2MP
0
R/W
5-Bit Communication
When this bit is set to 1, the 5-bit communication
format is enabled. When writing 1 to this bit, always
write 1 to bit 5 (RE) at the same time. In addition, 1
must be written to bit 3 (MPIE) in the serial control
register (SCR) before writing 1 to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com