Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 81Page - Renesas Technology Corp H8/38076RF Datasheet HTML 82Page - Renesas Technology Corp H8/38076RF Datasheet HTML 83Page - Renesas Technology Corp H8/38076RF Datasheet HTML 84Page - Renesas Technology Corp H8/38076RF Datasheet HTML 85Page - Renesas Technology Corp H8/38076RF Datasheet HTML 86Page - Renesas Technology Corp H8/38076RF Datasheet HTML 87Page - Renesas Technology Corp H8/38076RF Datasheet HTML 88Page - Renesas Technology Corp H8/38076RF Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 669 page
background image
Section 1 Overview
Rev. 4.00 Aug 23, 2006 Page 13 of 594
REJ09B0093-0400
Chip size: 3.60 mm
× 3.69 mm
Product model name
Model name on chip
Voltage level on the back of the chip: GND
(0, 0)
X
Y
Model name
HCD64338076R
HD64338076R
80 79 78 77 76 75 74 73 72 71
70 69 68 67 66 65 64
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
63 62 61
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
Figure 1.5 Pad Assignment of HCD64338076R (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com