Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 23Page - Renesas Technology Corp H8/38076RF Datasheet HTML 24Page - Renesas Technology Corp H8/38076RF Datasheet HTML 25Page - Renesas Technology Corp H8/38076RF Datasheet HTML 26Page - Renesas Technology Corp H8/38076RF Datasheet HTML 27Page - Renesas Technology Corp H8/38076RF Datasheet HTML 28Page - Renesas Technology Corp H8/38076RF Datasheet HTML 29Page - Renesas Technology Corp H8/38076RF Datasheet HTML 30Page - Renesas Technology Corp H8/38076RF Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxvii of lxxii
Item
Page
Revision (See Manual for Details)
13.3.6 Event Counter
H (ECH)
287
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
7
ECH7
0
R
6
ECH6
0
R
5
ECH5
0
R
4
ECH4
0
R
3
ECH3
0
R
2
ECH2
0
R
1
ECH1
0
R
0
ECH0
0
R
Either the external asynchronous event AEVH pin,
φ/2,
φ/4, or φ/8, or the overflow signal from lower 8-bit
counter ECL can be selected as the input clock source.
ECH can be cleared to H'00 by clearing CRCH in
ESSCR to 0.
13.3.7 Event Counter
L (ECL)
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
7ECL7
0
R
6ECL6
0
R
5ECL5
0
R
4ECL4
0
R
3ECL3
0
R
2ECL2
0
R
1ECL1
0
R
0ECL0
0
R
Either the external asynchronous event AEVL pin,
φ/2,
φ/4, or φ/8 can be selected as the input clock source.
ECL can be cleared to H'00 by clearing CRCL in ESSCR
to 0.
13.4.4 Event Counter
PWM Operation
Figure 13.4 Event
Counter Operation
Waveform
290
Figure amended
toff = (T
× (Ndr +1)) − tcyc
ton
tcm = T
× (Ncm +1)
ton:
toff:
tcm:
T:
Ndr:
Ncm:
tcyc:
Clock input enable time
Clock input disable time
One conversion period
ECPWM input clock cycle
Value of ECPWDR
Fixed low when Ndr =H'FFFF
Value of ECPWCR
System cock (
φ) cycle time
Table 13.2 Examples
of Event Counter PWM
Operation
291
Table amended
Clock
Source
Selection
Clock
Source
Cycle (T)*
ECPWCR
Value (Ncm)
ECPWDR
Value (Ndr)
toff =
T
×××× (Ndr + 1)
tcm =
T
×××× (Ncm + 1)
ton =
tcm – toff
φ/2
0.5 µs
2.92975 ms
15.625 ms
12.69525 ms
φ/4
1 µs
5.85975 ms
31.25 ms
25.39025 ms
φ/8
2 µs
11.71975 ms
62.5 ms
50.78025 ms
φ/16
4 µs
23.43975 ms
125.0 ms
101.56025 ms
φ/32
8 µs
46.87975 ms
250.0 ms
203.12025 ms
φ/64
16 µs
H'7A11
D'31249
H'16E3
D'5859
93.75975 ms
500.0 ms
406.24025 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com