Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 31Page - Renesas Technology Corp H8/38076RF Datasheet HTML 32Page - Renesas Technology Corp H8/38076RF Datasheet HTML 33Page - Renesas Technology Corp H8/38076RF Datasheet HTML 34Page - Renesas Technology Corp H8/38076RF Datasheet HTML 35Page - Renesas Technology Corp H8/38076RF Datasheet HTML 36Page - Renesas Technology Corp H8/38076RF Datasheet HTML 37Page - Renesas Technology Corp H8/38076RF Datasheet HTML 38Page - Renesas Technology Corp H8/38076RF Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxxv of lxxii
Item
Page
Revision (See Manual for Details)
17.3.2 PWM Data
Register (PWDR)
381
Description amended
When data is written to the lower 14 bits of PWDR, …
The initial value of PWDR is 0, and it is always read as H'FFFF.
Always write to this register in word size.
17.4 Operation
382, 383 Replaced
17.5 PWM Operating
States
384
Added
17.6 Usage Notes
18.3.1 A/D Result
Register (ADRR)
387
Description added
Always read this register in word size.
18.7 Usage Notes
396
Description amended
If a large capacitance is provided externally as a
countermeasure, the input load essentially comprises only the
internal input resistance of 10 kΩ, and the signal source
impedance can be ignored.
18.7.3 Additional
Usage Notes
397
Title amended
19.3.1 LCD Port
Control Register
(LPCR)
Table 19.2 Duty Cycle
and Common Function
Selection
402
Table amended
Bit 7:
DTS1
Bit 6:
DTS0
Bit 5:
CMX
Duty
Cycle
Common Drivers
Notes*
0
00Static
COM1
Leave COM4, COM3, and COM2 in open drain
state
1
COM4 to COM1
COM4, COM3, and COM2 output the same
waveform as COM1
1
0
1/2 duty
COM2 to COM1
Leave COM4 and COM3 in open drain state
1
COM4 to COM1
COM4 outputs the same waveform as COM3, and
COM2 outputs the same waveform as COM1
1
0
0
1/3 duty
COM3 to COM1
Leave COM4 in open drain state
1
COM4 to COM1
Leave COM4 in open drain state
1
0
1/4 duty
COM4 to COM1
—
1
Note: *
If SGS3 to SGS0 are set to B'0000, the power supply voltage level of PA0 to PA3 and COM1 to
COM4 is Vcc. If the setting of SGS3 to SGS0 is other than B'0000, the power supply voltage level of
PA0 to PA3 and COM1 to COM4 is the LCD drive power supply voltage level.
19.3.2 LCD Control
Register (LCR)
Table 19.4 Frame
Frequency Selection
403
Note 3 amended
3. This is the frame frequency in active (medium-speed,
φOSC/8)
mode when
φOSC = 2 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com