Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 37Page - Renesas Technology Corp H8/38076RF Datasheet HTML 38Page - Renesas Technology Corp H8/38076RF Datasheet HTML 39Page - Renesas Technology Corp H8/38076RF Datasheet HTML 40Page - Renesas Technology Corp H8/38076RF Datasheet HTML 41Page - Renesas Technology Corp H8/38076RF Datasheet HTML 42Page - Renesas Technology Corp H8/38076RF Datasheet HTML 43Page - Renesas Technology Corp H8/38076RF Datasheet HTML 44Page - Renesas Technology Corp H8/38076RF Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xli of lxxii
Item
Page
Revision (See Manual for Details)
24.4.2 DC
Characteristics
Table 24.12 DC
Characteristics
515
Note 1 amended
Mode
RES
RES
RES
RES
Pin
Internal State
Other
Pins
LCD Power
Supply
Oscillator Pins
Watch mode
V
CC
Only time base operates, CPU
stops
On-chip WDT oscillator is off
TCSRWD1 (WDON) = 0
V
CC
Halted
System clock oscillator:
crystal resonator
Subclock oscillator:
crystal resonator
Standby mode
V
CC
CPU and timers both stop
On-chip WDT oscillator is off
TCSRWD1 (WDON) = 0
V
CC
Halted
System clock oscillator:
crystal resonator
Subclock oscillator:
Pin X1 = GND
(32KSTOP = 0)
24.4.3 AC
Characteristics
Table 24.13 Control
Signal Timing
516
Conditions and table amended
Applicable
Values
Reference
Item
Symbol
Pins
Test Condition
Min.
Typ.
Max.
Unit
Figure
System clock
oscillation frequency
f
OSC
OSC1, OSC2
V
CC = 2.7 to 3.6 V
2.0
—
10.0
MHz
V
CC = 1.8 to 3.6 V
2.0
—
4.2
On-chip oscillator
oscillation
frequency
R
OSC
When on-chip
oscillator is selected
V
CC = 2.7 to 3.6 V
1.0
—
10.0
*
4
When on-chip
oscillator is selected
V
CC = 1.8 to 2.7 V
0.5
—
4.2
OSC clock (
φ
OSC) cycle
time
t
OSC
OSC1, OSC2
V
CC = 2.7 to 3.6 V
100
—
500
(1000)
ns
Figure 24.2
*
2
V
CC = 1.8 to 3.6 V
238
—
500
(1000)
On-chip oscillator
clock (
φ
OSC) cycle
time
t
ROSC
When on-chip
oscillator is selected
V
CC = 2.7 to 3.6 V
100
—
1000
*
4
When on-chip
oscillator is selected
V
CC = 1.8 to 2.7 V
238
—
2000
517
Applicable
Values
Reference
Item
Symbol
Pins
Test Condition
Min.
Typ.
Max.
Unit
Figure
Oscillation stabilization
time
t
rc
OSC1, OSC2
Crystal resonator
V
CC = 2.7 to 3.6 V
—
0.8
2.0
ms
Crystal resonator
V
CC = 2.2 to 3.6 V
—
1.2
3.0
Ceramic resonator
V
CC = 2.2 to 3.6 V
—
20
45
µs
Ceramic resonator
Other than above
—
80
—
Other than above
——
50
ms
When on-chip
oscillator is selected
——
100
µs
*
4
X1, X2
V
CC = 2.2 to 3.6 V
——
2.0
s
Figure 5.7
Other than above
—
4
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com