Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 36Page - Renesas Technology Corp H8/38076RF Datasheet HTML 37Page - Renesas Technology Corp H8/38076RF Datasheet HTML 38Page - Renesas Technology Corp H8/38076RF Datasheet HTML 39Page - Renesas Technology Corp H8/38076RF Datasheet HTML 40Page - Renesas Technology Corp H8/38076RF Datasheet HTML 41Page - Renesas Technology Corp H8/38076RF Datasheet HTML 42Page - Renesas Technology Corp H8/38076RF Datasheet HTML 43Page - Renesas Technology Corp H8/38076RF Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xl of lxxii
Item
Page
Revision (See Manual for Details)
24.2.4 A/D Converter
Characteristics
Table 24.6 A/D
Converter
Characteristics
501
Table amended
Applicable
Values
Item
Symbol
Pins
Test Condition
Min.
Typ.
Max.
Unit
Notes
Conversion time
AV
CC = 2.7 V to 3.6 V
V
CC = 2.7 V to 3.6 V
6.2
—
124
µs
AV
= 2.0 V to 3.6 V
V
CC = 2.0 V to 3.6 V
14.7
—
124
Other than above
31
—
124
CC
Note 4 amended
4. Conversion time = 31
µs
24.2.6 Power-On
Reset Circuit
Characteristics
Table 24.8 Power-
On Reset Circuit
Characteristics
503
Table amended
Values
Item
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Reference
Figure
Reset voltage
V_rst
0.7Vcc
0.8Vcc
0.9Vcc
V
Power supply rise time t_vtr
The Vcc rise time should be shorter than half the
RES rise time.
Reset count time
t_out
0.8
—
8.0
µs
Count start time
t_cr
Adjustable by the value of the external capacitor
of the
RES pin.
Figure 24.1
On-chip pull-up
resistance
Rp
Vcc = 3.0 V
60
100
—
k
Ω
Figure 21.1
24.2.8 Flash Memory
Characteristics
Preliminary
Table 24.10 Flash
Memory
Characteristics
504
Condition A amended
AV
CC = 2.7 V to 3.6 V, DVCC = 2.7 V to 3.6 V, VSS = AVSS =
0.0 V, ...
Condition B amended
AV
CC = 1.8 V to 3.6 V, DVCC = 2.2 V to 3.6 V, VSS = AVSS =
0.0 V, ...
24.4.1 Power Supply
Voltage and Operating
Range
(2) Power Supply
Voltage and Operating
Frequency Range
508
Note 1 amended
... the minimum operating frequency (
φ) is 2 MHz
24.4.2 DC
Characteristics
Table 24.12 DC
Characteristics
510
Table amended
Values
Item
Symbol
Applicable Pins
Test Condition
Min.
Typ.
Max.
Unit
Notes
Input high
voltage
V
IH
RES, NMI, WKP0 to
WKP7, IRQ4,
AEVL, AEVH,
TMIF,
ADTRG,
SCK32, SCK31
0.9V
CC
—
V
CC + 0.3
V
IRQ0, IRQ1, IRQ3
0.9V
CC
—
AV
CC + 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com