Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 90Page - Renesas Technology Corp H8/38076RF Datasheet HTML 91Page - Renesas Technology Corp H8/38076RF Datasheet HTML 92Page - Renesas Technology Corp H8/38076RF Datasheet HTML 93Page - Renesas Technology Corp H8/38076RF Datasheet HTML 94Page - Renesas Technology Corp H8/38076RF Datasheet HTML 95Page - Renesas Technology Corp H8/38076RF Datasheet HTML 96Page - Renesas Technology Corp H8/38076RF Datasheet HTML 97Page - Renesas Technology Corp H8/38076RF Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 669 page
background image
Section 1 Overview
Rev. 4.00 Aug 23, 2006 Page 22 of 594
REJ09B0093-0400
Pin No.
Type
Symbol
FP-80A,
TFP-80C TLP-85V
Pad
No.*
1
Pad
No.*
2
I/O
Functions
I/O ports
P70 to
P77
47 to 54 G9, F10,
F8, E9, F9,
E8, D8,
E10
48 to
55
47 to
54
I/O
8-bit I/O pins. Input or output can be
designated for each bit by means of
the port control register 7 (PCR7).
P80 to
P87
55 to 62 D9, C9,
D10, C8,
B10, C10,
A9, A8
56 to
63
55 to
62
I/O
8-bit I/O pins. Input or output can be
designated for each bit by means of
the port control register 8 (PCR8).
P90 to
P93
74 to 77 A5, B4, B3,
A4
75 to
78
74 to
77
I/O
4-bit I/O pins. Input or output can be
designated for each bit by means of
the port control register 9 (PCR9).
PA0 to
PA3
27 to 30 J4, K5, H5,
J6
28 to
31
27 to
30
I/O
4-bit I/O pins. Input or output can be
designated for each bit by means of
the port control register A (PCRA).
PB0 to
PB7
70 to 63 B5, C6, A6,
B7, C7, A7,
B8, B9
71 to
64
70 to
63
Input
8-bit input-only pins
Notes: 1. Pad no. for the flash memory version.
2. Pad no. for the masked ROM version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com