Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 70Page - Renesas Technology Corp H8/38076RF Datasheet HTML 71Page - Renesas Technology Corp H8/38076RF Datasheet HTML 72Page - Renesas Technology Corp H8/38076RF Datasheet HTML 73Page - Renesas Technology Corp H8/38076RF Datasheet HTML 74Page - Renesas Technology Corp H8/38076RF Datasheet HTML 75Page - Renesas Technology Corp H8/38076RF Datasheet HTML 76Page - Renesas Technology Corp H8/38076RF Datasheet HTML 77Page - Renesas Technology Corp H8/38076RF Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 669 page
background image
Section 1 Overview
Rev. 4.00 Aug 23, 2006 Page 2 of 594
REJ09B0093-0400
• On-chip memory
Product Classification
Model
ROM
RAM
Flash memory version
(F-ZTAT
TM version)
H8/38076RF
HD64F38076R
52 kbytes*
2 kbytes
H8/38076R
HD64338076R
48 kbytes
2 kbytes
H8/38075R
HD64338075R
40 kbytes
2 kbytes
H8/38074R
HD64338074R
32 kbytes
1 kbyte
Masked ROM version
H8/38073R
HD64338073R
24 kbytes
1 kbyte
Note:
F-ZTAT
TM is a trademark of Renesas Technology Corp.
*
4-kbyte area of 52-kbyte ROM is used for the on-chip debugging emulator. When the
on-chip debugging emulator is not used, 52-kbyte area is available.
• General I/O ports
I/O pins: 55 I/O pins, including 4 large current ports (I
OL = 15 mA, @VOL = 1.0 V)
Input-only pins: 8 input pins
• Supports various power-down states
• Compact package
Package
Code
Old Code
Body Size
Pin Pitch
Remarks
QFP-80
PRQP0080JB-A
FP-80A
14
× 14 mm
0.65 mm
TQFP-80
PTQP0080KC-A
TFP-80C
12
× 12 mm
0.5 mm
P-TFLGA-85
PTLG0085JA-A
TLP-85V
7
× 7 mm
0.65 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com