Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 85Page - Renesas Technology Corp H8/38076RF Datasheet HTML 86Page - Renesas Technology Corp H8/38076RF Datasheet HTML 87Page - Renesas Technology Corp H8/38076RF Datasheet HTML 88Page - Renesas Technology Corp H8/38076RF Datasheet HTML 89Page - Renesas Technology Corp H8/38076RF Datasheet HTML 90Page - Renesas Technology Corp H8/38076RF Datasheet HTML 91Page - Renesas Technology Corp H8/38076RF Datasheet HTML 92Page - Renesas Technology Corp H8/38076RF Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 669 page
background image
Section 1 Overview
Rev. 4.00 Aug 23, 2006 Page 17 of 594
REJ09B0093-0400
1.4
Pin Functions
Table 1.4
Pin Functions
Pin No.
Type
Symbol
FP-80A,
TFP-80C
TLP-85V
Pad
No.*
1
Pad
No.*
2
I/O
Functions
Vcc
21
K2
22
21
Input
Power supply pins. Connect this pin to
the system power supply.
Vss
12, 72
(= AVss)
F3, C5
(= AVss)
13, 73
12,
72
Input
Ground pins. Connect this pin to the
system power supply (0 V).
AVcc
71
B6
72
71
Input
Analog power supply pins for the A/D
converter. When the A/D converter is
not used, connect this pin to the
system power supply.
AVss
72
(= Vss)
C5
(= Vss)
73
72
Input
Ground pins for the A/D converter.
Connect this pin to the system power
supply (0 V).
V1 to V3 24 to 26
J3, K4,
H4
25 to 27 24 to
26
Input
Power supply pins for the LCD
controller/driver.
C1
22
K3
23
22
Input
Power
supply pins
C2
23
J2
24
23
Input
Capacitance pins for stepping up the
LCD drive power supply.
Clock pins
OSC1
14
F1
15
14
Input
OSC2
13
G3
14
13
Output
These pins connect with crystal or
ceramic resonator for the system clock,
or can be used to input an external
clock.
See section 5, Clock Pulse Generators,
for a typical connection.
X1
10
F2
10
10
Input
X2
11
E2
11
11
Output
These pins connect with a 32.768- or
38.4-kHz crystal resonator for the
subclock. See section 5, Clock Pulse
Generators, for a typical connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com