Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 10Page - Renesas Technology Corp H8/38076RF Datasheet HTML 11Page - Renesas Technology Corp H8/38076RF Datasheet HTML 12Page - Renesas Technology Corp H8/38076RF Datasheet HTML 13Page - Renesas Technology Corp H8/38076RF Datasheet HTML 14Page - Renesas Technology Corp H8/38076RF Datasheet HTML 15Page - Renesas Technology Corp H8/38076RF Datasheet HTML 16Page - Renesas Technology Corp H8/38076RF Datasheet HTML 17Page - Renesas Technology Corp H8/38076RF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xiv of lxxii
Item
Page
Revision (See Manual for Details)
5.3.1 Connecting
32.768-kHz/38.4-kHz
Crystal Resonator
101
Description amended
Clock pulses can be supplied to the subclock generator by
connecting a 32.768-kHz or 38.4-kHz crystal resonator, ...
Figure 5.5 Typical
Connection to
32.768-kHz/38.4-kHz
Crystal Resonator
Figure amended
Frequency
Manufacturer
32.768 kHz
38.4 kHz
Epson Toyocom
Epson Toyocom
Products
Name
C-001R
C-4-TYPE
C1, C2
Recommendation Value
7 pF
7 pF
Equivalent Series
Resistance
35 k
Ω max
30 k
Ω max
Figure 5.6 Equivalent
Circuit of 32.768-
kHz/38.4-kHz Crystal
Resonator
102
Figure amended
C
o = 0.9 pF(typ.)
R
s = 35 kΩ (max.)
102
Description added
Notes on Use of Subclock Generator Circuit
The drive capacity of the subclock generator circuit is limited in
order to reduce current consumption when operating in the
subclock mode. As a result, there may not be sufficient additional
margin to accommodate some resonators. Be sure to select a
resonator with an equivalent series resistance (R
S) corresponding
to that shown in figure 5.6.
5.3.3 External Clock
Input Method
103
Title amended
5.4.1 Prescaler S
Description amended
The output from prescaler S is shared by the on-chip peripheral
modules.
In active (medium-speed) mode and sleep
(medium-speed) mode,
5.5.3 Definition of
Oscillation Stabilization
Wait Time
106, 107 Replaced
5.5.6 Note on Using
Power-On Reset
Circuit
108
Description amended
The LSI’s internal power-on reset circuit can be adjusted by
connecting an external capacitor to the
RES pin. Adjust the
capacitance of the external capacitor to ensure sufficient
oscillation stabilization time before reset clearing. For details, see
section 21, Power-On Reset Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com