Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 12Page - Renesas Technology Corp H8/38076RF Datasheet HTML 13Page - Renesas Technology Corp H8/38076RF Datasheet HTML 14Page - Renesas Technology Corp H8/38076RF Datasheet HTML 15Page - Renesas Technology Corp H8/38076RF Datasheet HTML 16Page - Renesas Technology Corp H8/38076RF Datasheet HTML 17Page - Renesas Technology Corp H8/38076RF Datasheet HTML 18Page - Renesas Technology Corp H8/38076RF Datasheet HTML 19Page - Renesas Technology Corp H8/38076RF Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xvi of lxxii
Item
Page
Revision (See Manual for Details)
6.2 Mode Transitions
and States of LSI
Figure 6.1 Mode
Transition Diagram
116
Note amended
A transition between different modes cannot be made to occur
simply because an interrupt request is generated. Make sure to
enable interrupt requests.
Table 6.2 Transition
Mode after SLEEP
Instruction Execution
and Interrupt
Handling
118
Table amended
State
Before
Transition
LSON MSON SSBY TMA3 DTON
Transition
Mode after
SLEEP
Instruction
Execution
Transition
Mode due to
Interrupt
Symbol in
Figure 6.1
Active
(medium-
speed)
mode
000
*
1
Active
(high-
speed)
mode
(direct
transition)
f
010
*
1
Active
(medium-
speed)
mode
(direct
transition)
Table 6.3 Internal
State in Each
Operating Mode
120
Note amended
Function
Watch Mode
Subactive
Mode
Subsleep
Mode
Standby
Mode
Peripheral
modules
RTC
Functioning/
retained*
9
Functioning/
retained*
9
Functioning/
retained*
9
Functioning/
retained*
9
Asynchronous
event counter
Functioning*
6
Functioning
Functioning
Functioning*
6
Timer F
unctioning/
retained*
7
Functioning/r
etained*
7
Functioning/
retained*
7
Retained
TPU
Retained
Retained
Retained
Retained
WDT
Functioning*
8/
retained
Functioning*
8/
retained
Functioning*
8/
retained
Functioning*
8/
retained
SCI3/IrDA
eset
Functioning/
retained*
2
Functioning/
retained*
2
Reset
F
R
Notes:
6. Only incrementing of the external event timer by ECL/ECH and
overflow interrupts operate.
7. Functioning if
φw/4 is selected as an internal clock. Halted and
retained otherwise.
8. Functioning if the on-chip oscillator is selected.
9. Functioning if the internal time keeping time-base function is
selected and retained if the interval timer is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com