Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 11Page - Renesas Technology Corp H8/38076RF Datasheet HTML 12Page - Renesas Technology Corp H8/38076RF Datasheet HTML 13Page - Renesas Technology Corp H8/38076RF Datasheet HTML 14Page - Renesas Technology Corp H8/38076RF Datasheet HTML 15Page - Renesas Technology Corp H8/38076RF Datasheet HTML 16Page - Renesas Technology Corp H8/38076RF Datasheet HTML 17Page - Renesas Technology Corp H8/38076RF Datasheet HTML 18Page - Renesas Technology Corp H8/38076RF Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xv of lxxii
Item
Page
Revision (See Manual for Details)
6.1.1 System Control
Register 1 (SYSCR1)
110
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
6
5
4
STS2
STS1
STS0
0
0
0
R/W
R/W
R/W
When an external clock is to be used, the minimum
value (STS2 = 1, STS1 = 0, STS0 = 1) is recommended.
If the internal oscillator is used, the settings CTCS2 = 0,
STS = 1, and STS0 = 0 are recommended.
If the setting other than the recommended value is
made, operation may start before the end of the waiting
time.
6.1.2 System
Control Register 2
(SYSCR2)
112
Table amended
1
0
SA1
SA0
0
0
R/W
R/W
Subactive Mode Clock Select 1 and 0
Select the operating clock frequency in subactive and
subsleep modes. The values of SA1 and SA0 do not
change if they are written to in subactive mode.
00:
φ
W/8
01:
φ
W/4
1X:
φ
W/2
Bit
Bit Name
Initial
Value
R/W
Description
4
NESEL
1
R/W
Noise Elimination Sampling Frequency Select
The subclock pulse generator generates the watch clock
signal (
φ
W) and the system clock pulse generator
generates the oscillator clock (
φ
OSC). This bit selects the
sampling frequency of
φ
OSC when φW is sampled. When
φ
OSC = 2 to 10 MHz, clear this bit to 0. Set it to 1 if the
internal oscillator is used.
0: Sampling rate is
φ
OSC/16.
1: Sampling rate is
φ
OSC/4.
6.1.3 Clock Halt
Registers 1 and 2
(CKSTPR1 and
CKSTPR2)
113
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
7
S4CKSTP*
1 *
4
1R/W*
1
SCI4 Module Standby
SCI4 enters standby mode when this bit is cleared to 0.
3
—
1
R/W
Reserved
This readable/writable bit is reserved.
2
TFCKSTP
1
R/W
Timer F Module Standby
Timer F enters standby mode when this bit is cleared to
0.
1
FROMCKSTP
*
1
*
4 1R/W*
1
Flash Memory Module Standby
Flash memory enters standby mode when this bit is
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com