Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38076RF Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # H8/38076RF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38076RF Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button H8/38076RF Datasheet HTML 18Page - Renesas Technology Corp H8/38076RF Datasheet HTML 19Page - Renesas Technology Corp H8/38076RF Datasheet HTML 20Page - Renesas Technology Corp H8/38076RF Datasheet HTML 21Page - Renesas Technology Corp H8/38076RF Datasheet HTML 22Page - Renesas Technology Corp H8/38076RF Datasheet HTML 23Page - Renesas Technology Corp H8/38076RF Datasheet HTML 24Page - Renesas Technology Corp H8/38076RF Datasheet HTML 25Page - Renesas Technology Corp H8/38076RF Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxii of lxxii
Item
Page
Revision (See Manual for Details)
9.10.3 Pin Functions
197
Description amended
• PB0/AN0/
IRQ0 pin
IRQ0
0
1
CH3 to CH0
Other than
B'0100
B'0100
x
Pin Function
PB0 input pin
AN0 input pin
IRQ0 input pin
[Legend]
x: Don't care.
9.11.1 Serial Port
Control Register
(SPCR)
199
Table amended
(Before) output data
→ (After) the output data polarity
(Before) input data
→ (After) the input data polarity
9.12.1 How to Handle
Unused Pin
200
Description amended
• If an unused pin is an output pin, it is recommended to handle it
in one of the following ways:
 Set the output of the unused pin to high and pull it up to Vcc
with an external resistor of approximately 100 k
Ω.
 Set the output of the unused pin to low and pull it down to
GND with an external resistor of approximately 100 k
Ω.
10.3.5 RTC Control
Register 1 (RTCCR1)
206
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
3
—
0
R/W*
Reserved
2 to 0
—
All 0
—
Reserved
These bits are always read as 0.
Note:
*
Only 0 can be written to this bit.
10.3.7 Clock Source
Select Register
(RTCCSR)
208
Description amended
... A free running counter controls start/stop of counter operation
by the RUN bit in RTCCR1. When a clock other than
φw/4 is
selected, ...
Bit
Bit Name
Initial
Value
R/W
Description
3
2
1
0
RCS3
RCS2
RCS1
RCS0
1
0
0
0
R/W
R/W
R/W
R/W
Clock Source Selection
0000:
φ/8⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0001:
φ/32⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0010:
φ/128⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0011:
φ/256⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0100:
φ/512⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0101:
φ/2048⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0110:
φ/4096⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
0111:
φ/8192⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ Free running counter operation
1000:
φw/4 ⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅⋅ RTC operation
Settings other than the above are prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com