| Electronic Components Datasheet Search |
|
H8/38076RF Datasheet(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/38076RF Datasheet(HTML) 68 Page - Renesas Technology Corp |
|
68 / 669 page ![]() Rev. 4.00 Aug 23, 2006 Page lxviii of lxxii Section 6 Power-Down Modes Table 6.1 Operating Frequency and Waiting Time ................................................................. 111 Table 6.2 Transition Mode after SLEEP Instruction Execution and Interrupt Handling ........ 117 Table 6.3 Internal State in Each Operating Mode ................................................................... 120 Section 7 ROM Table 7.1 Setting Programming Modes................................................................................... 140 Table 7.2 Boot Mode Operation.............................................................................................. 142 Table 7.3 System Clock Frequencies for which Automatic Adjustment of LSI Bit Rate is Possible ................................................................................................................... 143 Table 7.4 Reprogram Data Computation Table ...................................................................... 147 Table 7.5 Additional-Program Data Computation Table ........................................................ 147 Table 7.6 Programming Time ................................................................................................. 147 Table 7.7 Flash Memory Operating States .............................................................................. 152 Section 10 Realtime Clock (RTC) Table 10.1 Pin Configuration .................................................................................................... 202 Table 10.2 Interrupt Sources ..................................................................................................... 212 Section 11 Timer F Table 11.1 Pin Configuration .................................................................................................... 216 Table 11.2 Timer F Operating States ........................................................................................ 225 Section 12 16-Bit Timer Pulse Unit (TPU) Table 12.1 TPU Functions ........................................................................................................ 232 Table 12.2 Pin Configuration .................................................................................................... 233 Table 12.3 CCLR1 and CCLR0 (Channels 1 and 2) ................................................................. 236 Table 12.4 TPSC2 to TPSC0 (Channel 1)................................................................................. 236 Table 12.5 TPSC2 to TPSC0 (Channel 2)................................................................................. 237 Table 12.6 MD3 to MD0........................................................................................................... 238 Table 12.7 TIOR_1 (Channel 1) ............................................................................................... 239 Table 12.8 TIOR_2 (Channel 2) ............................................................................................... 240 Table 12.9 TIOR_1 (Channel 1) ............................................................................................... 241 Table 12.10 TIOR_2 (Channel 2) ............................................................................................... 242 Table 12.11 Counter Combination in Operation with Cascaded Connection ............................. 257 Table 12.12 PWM Output Registers and Output Pins................................................................. 260 Table 12.13 TPU Interrupts......................................................................................................... 264 Section 13 Asynchronous Event Counter (AEC) Table 13.1 Pin Configuration .................................................................................................... 280 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |